Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST1S31
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST1S31 Datasheet HTML 16Page - STMicroelectronics ST1S31 Datasheet HTML 17Page - STMicroelectronics ST1S31 Datasheet HTML 18Page - STMicroelectronics ST1S31 Datasheet HTML 19Page - STMicroelectronics ST1S31 Datasheet HTML 20Page - STMicroelectronics ST1S31 Datasheet HTML 21Page - STMicroelectronics ST1S31 Datasheet HTML 22Page - STMicroelectronics ST1S31 Datasheet HTML 23Page - STMicroelectronics ST1S31 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Application information
ST1S31
20/35
DocID022998 Rev 4
The junction temperature TJ can be calculated as:
Equation 27
where TA is the ambient temperature and PTOT is the sum of the power losses just seen.
RthJA is the equivalent thermal resistance junction to ambient of the device; it can be
calculated as the parallel of many paths of heat conduction from the junction to the ambient.
For this device the path through the exposed pad is the one conducting the largest amount
of heat. The RthJA measured on the demonstration board described in Section 5.5 is about
50 °C/W for the VFDFPN and 100 °C/W for the SO8 package.
Figure 9. Switching losses
5.5
Layout consideration
The PC board layout of the switching DC-DC regulator is very important to minimize the
noise injected in high impedance nodes, to reduce interference generated by the high
switching current loops and to optimize the reliability of the device.
In order to avoid EMC problems, the high switching current loops must be as short as
possible. In the buck converter there are two high switching current loops: during the
on-time, the pulsed current flows through the input capacitor, the high-side power switch,
the inductor and the output capacitor; during the off-time, through the low-side power switch,
the inductor and the output capacitor.
The input capacitor connected to VINSW must be placed as close as possible to the device,
to avoid spikes on VINSW due to the stray inductance and the pulsed input current.
In order to prevent dynamic unbalance between VINSW and VINA, the trace connecting the
VINA pin to the input must be derived from VINSW.
TJ
TA RthJA PTOT
+
=
VSW
ISW,HS
VIN
VDS,HS
PCOND,HS
PCOND,LS
PSW
TFALL
TRISE
AM11422v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com