Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31D-R Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1S31D-R
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31D-R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1S31D-R Datasheet HTML 2Page - STMicroelectronics ST1S31D-R Datasheet HTML 3Page - STMicroelectronics ST1S31D-R Datasheet HTML 4Page - STMicroelectronics ST1S31D-R Datasheet HTML 5Page - STMicroelectronics ST1S31D-R Datasheet HTML 6Page - STMicroelectronics ST1S31D-R Datasheet HTML 7Page - STMicroelectronics ST1S31D-R Datasheet HTML 8Page - STMicroelectronics ST1S31D-R Datasheet HTML 9Page - STMicroelectronics ST1S31D-R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Electrical characteristics
ST1S31
6/35
DocID022998 Rev 4
3
Electrical characteristics
TJ = 25 °C, VIN = 5 V, unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Values
Unit
Min.
Typ.
Max.
VIN
Operating input voltage range
(1)
2.8
5.5
V
VINON
Turn-on VCC threshold
(1)
2.4
VINOFF
Turn-off VCC threshold
(1)
2.0
RDSON-P High-side switch ON-resistance ISW = 300 mA
60
m
RDSON-N Low-side switch ON-resistance ISW = 300 mA
45
m
ILIM
Maximum limiting current
(2)
4.0
A
Oscillator
FSW
Switching frequency
1.2
1.5
1.9
MHz
DMAX
Maximum duty cycle
(2)
95
100
%
Dynamic characteristics
VFB
Feedback voltage
0.792
0.8
0.808
V
Io = 10 mA to 4 A(1)
0.776
0.8
0.824
%VOUT/
IOUT
Reference load regulation
Io = 10 mA to 4 A(2)
0.2
0.6
%
%VOUT/
VIN
Reference line regulation
VIN = 2.8 V to 5.5 V(2)
0.2
0.3
%
DC characteristics
IQ
Quiescent current
Duty cycle = 0, no load VFB = 1.2 V
630
1200
µA
IQST-BY
Total standby quiescent current OFF
1
µA
Enable
VEN
EN threshold voltage
Device ON level
1.5
V
Device OFF level
0.5
IEN
EN current
0.1
µA
Power Good
PG
PG threshold
92
%VFB
PG hystereris
30
50
mV
PG output voltage low
Isink = 6 mA open drain
400
PG rise delay
170
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com