Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31D-R Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST1S31D-R
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31D-R Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST1S31D-R Datasheet HTML 18Page - STMicroelectronics ST1S31D-R Datasheet HTML 19Page - STMicroelectronics ST1S31D-R Datasheet HTML 20Page - STMicroelectronics ST1S31D-R Datasheet HTML 21Page - STMicroelectronics ST1S31D-R Datasheet HTML 22Page - STMicroelectronics ST1S31D-R Datasheet HTML 23Page - STMicroelectronics ST1S31D-R Datasheet HTML 24Page - STMicroelectronics ST1S31D-R Datasheet HTML 25Page - STMicroelectronics ST1S31D-R Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Demonstration board
ST1S31
22/35
DocID022998 Rev 4
6
Demonstration board
Figure 11. Demonstration board schematic
Table 9. Component list
Reference
Part number
Description
Manufacturer
U1
ST1S31
ST
L1
DR73 2R2
2.2 µH, Isat = 5.5 A
Coiltronics
C1
C3225X7RE106K
10 µF 25 V X7R
TDK
C2
C3225X7R1C226M
22 µF 16 V X7R
TDK
C3
1 µF 25 V X7R
C4
NC
R1
62.5 k
R2
20 k
R3
10 k
AM11424v1
3.3V
5V
VIN
Vout
0
0
L1
2.2uH
L1
2.2uH
R2
20k
R2
20k
R3
10k
R3
10k
C2
22u
C2
22u
C1
10u
C1
10u
C3
1u
C3
1u
U1
ST1S31
U1
ST1S31
VIN_A
1
EN
2
FB
3
AGND
4
PGND
8
SW
7
VIN_SW
6
PGOOD
5
ePAD
C4
NC
C4
NC
R1
62.5k
R1
62.5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com