Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31D-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1S31D-R
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31D-R Datasheet(HTML) 1 Page - STMicroelectronics

  ST1S31D-R Datasheet HTML 1Page - STMicroelectronics ST1S31D-R Datasheet HTML 2Page - STMicroelectronics ST1S31D-R Datasheet HTML 3Page - STMicroelectronics ST1S31D-R Datasheet HTML 4Page - STMicroelectronics ST1S31D-R Datasheet HTML 5Page - STMicroelectronics ST1S31D-R Datasheet HTML 6Page - STMicroelectronics ST1S31D-R Datasheet HTML 7Page - STMicroelectronics ST1S31D-R Datasheet HTML 8Page - STMicroelectronics ST1S31D-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
March 2016
DocID022998 Rev 4
1/35
ST1S31
3 A DC step-down switching regulator
Datasheet
- production data
Features
 3 A DC output current
 2.8 V to 5.5 V input voltage
 Output voltage adjustable from 0.8 V
 1.5 MHz switching frequency
 Internal soft-start and enable
 Integrated 60 m and 45 m power MOSFETs
 All ceramic capacitor
 Power Good (POR)
 Cycle-by-cycle current limiting
 Current foldback short-circuit protection
 VFDFPN 3 x 3 - 8L, SO8 packages
Applications
 µP/ASIC/DSP/FPGA core and I/O supplies
 Point of load for: STB, TVs, DVDs
 Optical storage, hard disk drive, printers,
audio/graphic cards
Description
The ST1S31 device is an internally compensated
1.5 MHz fixed-frequency PWM synchronous step-
down regulator. The ST1S31 operates from 2.8 V
to 5.5 V input, while it regulates an output voltage
as low as 0.8 V and up to VIN.
The ST1S31 integrates a 60 m
 high-side switch
and a 45 m
 synchronous rectifier allowing very
high efficiency with very low output voltages.
The peak current mode control with internal
compensation delivers a very compact solution
with a minimum component count.
The ST1S31 device is available in 3 mm x 3 mm,
8 lead VFDFPN and SO8 packages.
Figure 1. Application circuit
SO8
VFDFPN 3 x 3 - 8L
www.st.com


Similar Part No. - ST1S31D-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
09-Sep-2010
ST1S30IPUR STMICROELECTRONICS-ST1S30IPUR Datasheet
193Kb / 11P
3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
09-Sep-2010
ST1S30PUR STMICROELECTRONICS-ST1S30PUR Datasheet
193Kb / 11P
3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
09-Sep-2010
ST1S32 STMICROELECTRONICS-ST1S32 Datasheet
809Kb / 29P
4 A DC step-down switching regulator
31-May-2012
ST1S32PUR STMICROELECTRONICS-ST1S32PUR Datasheet
809Kb / 29P
4 A DC step-down switching regulator
31-May-2012
More results

Similar Description - ST1S31D-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
3 A DC step-down switching regulator
01-Mar-2012
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
ST1S32PUR STMICROELECTRONICS-ST1S32PUR Datasheet
809Kb / 29P
4 A DC step-down switching regulator
31-May-2012
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
3 A step-down switching regulator
05-Sep-2014
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com