Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31D-R Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1S31D-R
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31D-R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1S31D-R Datasheet HTML 9Page - STMicroelectronics ST1S31D-R Datasheet HTML 10Page - STMicroelectronics ST1S31D-R Datasheet HTML 11Page - STMicroelectronics ST1S31D-R Datasheet HTML 12Page - STMicroelectronics ST1S31D-R Datasheet HTML 13Page - STMicroelectronics ST1S31D-R Datasheet HTML 14Page - STMicroelectronics ST1S31D-R Datasheet HTML 15Page - STMicroelectronics ST1S31D-R Datasheet HTML 16Page - STMicroelectronics ST1S31D-R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID022998 Rev 4
13/35
ST1S31
Functional description
35
The embedded compensation network is RC = 80 k, CC = 55 pF while CP and CO can be
considered as negligible. The error amplifier output resistance is 96 M
so the relevant
singularities are:
Equation 13
So closing the loop, the loop gain GLOOP(s) is:
Equation 14
Example 1:
VIN = 5 V, VOUT = 1.2 V, Iomax = 3 A, L = 1.0 H, Cout = 47 µF (MLCC), R1 = 10 k,
R2 = 20 k
(see Section 5.2 and Section 5.3 for inductor and output capacitor selection
guidelines).
The module and phase bode plot are reported in Figure 7 and Figure 8.
The bandwidth is 117 kHz and the phase margin is 63 degrees.
Figure 7. Module bode plot
fZ
36 2 kHz
=
fP LF
30 Hz
=
GLOOP s

GCO s
 G
DIV s
 G
EA s


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com