Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S31D-R Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST1S31D-R
Description  3 A DC step-down switching regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S31D-R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST1S31D-R Datasheet HTML 6Page - STMicroelectronics ST1S31D-R Datasheet HTML 7Page - STMicroelectronics ST1S31D-R Datasheet HTML 8Page - STMicroelectronics ST1S31D-R Datasheet HTML 9Page - STMicroelectronics ST1S31D-R Datasheet HTML 10Page - STMicroelectronics ST1S31D-R Datasheet HTML 11Page - STMicroelectronics ST1S31D-R Datasheet HTML 12Page - STMicroelectronics ST1S31D-R Datasheet HTML 13Page - STMicroelectronics ST1S31D-R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Functional description
ST1S31
10/35
DocID022998 Rev 4
4.3
Error amplifier and control loop stability
The error amplifier provides the error signal to be compared with the high-side switch
current through the current sense circuitry. The non inverting input is connected with the
internal 0.8 V reference, while the inverting input is the FB pin. The compensation network is
internal and connected between the E/A output and GND.
The error amplifier of the ST1S31 device is a transconductance operational amplifier, with
high bandwidth and high output impedance.
The ST1S31 device embeds the compensation network that assures the stability of the loop
in the whole operating range. All the tools needed to check the loop stability are shown on
the next pages of this section.
In Figure 5 the simple small signal model for the peak current mode control loop is shown.
Figure 5. Block diagram of the loop for the small signal analysis
Three main terms can be identified to obtain the loop transfer function:
1.
From control (output of E/A) to output, GCO(s)
2.
From output (VOUT) to the FB pin, GDIV(s)
3.
From the FB pin to control (output of E/A), GEA(s).
The transfer function from control to output GCO(s) results:
Table 5. Characteristics of the uncompensated error amplifier
Description
Value
DC gain
94 dB
gm
238 µA/V
Ro
96 M
L
Cout
Current sense
Logic
And
Driver
Slope
Compensation
PWM comparator
Error Amp
Rc
Cc
R1
R2
0.8V
High side
Switch
Low side
Switch
GCO(s)
GDIV(s)
GEA(s)
VIN
VC
VOUT
VFB
AM11418v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com