Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6330 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FS6330
Description  LAN HUB CLOCK GENERATOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6330 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FS6330 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AMERICAN MICROSYSTEMS, INC.
May 2000
5.23.00
3
Preliminary information
Preliminary information
Preliminary information
Preliminary information
FS6330
FS6330
FS6330
FS6330
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
Table 5: DC Electrical Specifications
Unless otherwise stated, all power supplies = 3.3V ± 5%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal
characterization data and are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σfrom typical. Negative currents indicate current flows out of the device.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall
Supply Current, Dynamic, with Loaded
Outputs
IDD
All 3.3V supplies = 3.465V
mA
X1 Crystal Oscillator Feedback
Threshold Bias Voltage
VTH
0.5VDD
V
High-Level Input Current
IIH
VIH = 3.3V
32
µA
Low-Level Input Current
IIL
VIL = 0V
-32
µA
Crystal Loading Capacitance *
CL(xtal)
As seen by an external crystal connected
to XIN and XOUT
13.5
18
22.5
pF
Input Loading Capacitance *
CL(XIN)
As seen by an external clock driver on
XOUT; XIN unconnected
36
pF
X2 Crystal Oscillator Drive
High Level Output Source Current
IOH
VI = 3.3V, VO = 0V
-8
mA
Low Level Output Sink Current
IOL
VI = 0V, VO = 3.3V
9
mA
Clock Outputs
High-Level Output Source Current
IOH
VO = 2.4V
mA
Low-Level Output Sink Current
IOL
VO = 0.4V
mA
Output Impedance
zO
Measured at 1.5V
Ω
Short Circuit Output Source Current
IOSH
VO = 0V; shorted for 30s, max.
mA
Short Circuit Output Sink Current
IOSL
VO = 3.3V; shorted for 30s, max.
mA
Table 6: AC Timing Specifications
Unless otherwise stated, all power supplies = 3.3V, no load on any output, and ambient temperature TA = 25°C. Parameters denoted with an asterisk ( * ) represent nominal characterization data and
are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σfrom typical. Spread spectrum modulation is disabled except for Rise/Fall time measurements.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Clock Outputs
Duty Cycle *
dt
Ratio of high pulse width to one clock period,
measured at 1.5V
45
55
%
Clock Skew *
tsk(o)
CLKB1 to CLKB4 at 1.5V
250
ps
Jitter, Long Term (
σ
y(
τ)) *
tj(LT)
On rising edges 500
µs apart at 1.5V relative to an
ideal clock, CL=15pF, all PLLs active
ps
Jitter, Period (peak-peak) *
tj(∆P)
From rising edge to rising edge at 1.5V, CL=15pF,
all PLLs active
150
ps
Rise Time *
tr
Measured @ 0.4V – 2.4V; CL=15pF
1.2
ns
Fall Time *
tf
Measured @ 2.4V – 0.4V; CL=15pF
1.2
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com