Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6330 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FS6330
Description  LAN HUB CLOCK GENERATOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6330 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  FS6330 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AMERICAN MICROSYSTEMS, INC.
May 2000
5.23.00
6
FS6330
FS6330
FS6330
FS6330
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
Preliminary Information
Preliminary Information
Preliminary Information
Preliminary Information
4.0
Ordering Information
4.1
Device Ordering Codes
DEVICE NUMBER
ORDERING CODE
PACKAGE TYPE
OPERATING
TEMPERATURE RANGE
SHIPPING
CONFIGURATION
11825-807
20-pin SSOP
0
°C to 70°C (Commercial)
Tape and Reel
FS6330-01
20-pin TSSOP
0
°C to 70°C (Commercial)
Tape and Reel
5.0
Revision Information
DATE
PAGE
DESCRIPTION
March 17, 2000
Modified device pinout to add SELECT inputs for CLKC and CLKF
March 27, 2000
1,2
Changed CLKA and CLKF pin locations. Changed frequency table for CLKF
May 23, 2000
Upgraded data sheet to Preliminary Information, added SSOP Ordering Code
Copyright © 2000 American Microsystems, Inc.
Devices sold by AMI are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale
only. AMI makes no warranty, express, statutory implied or by description, regarding the information set forth herein or
regarding the freedom of the described devices from patent infringement. AMI makes no warranty of merchantability or
fitness for any purposes. AMI reserves the right to discontinue production and change specifications and prices at any
time and without notice. AMI’s products are intended for use in commercial applications. Applications requiring ex-
tended temperature range, unusual environmental requirements, or high reliability applications, such as military, medi-
cal life-support or life-sustaining equipment, are specifically not recommended without additional processing by AMI for
such applications.
American Microsystems, Inc., 2300 Buckskin Rd., Pocatello, ID 83201, (208) 233-4690, FAX (208) 234-6796,
WWW Address: http://www.amis.com E-mail: tgp@amis.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com