Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6330 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FS6330
Description  LAN HUB CLOCK GENERATOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6330 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FS6330 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AMERICAN MICROSYSTEMS, INC.
May 2000
5.23.00
5
Preliminary information
Preliminary information
Preliminary information
Preliminary information
FS6330
FS6330
FS6330
FS6330
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
Table 9: 20-pin TSSOP (4.4mm) Package Dimensions
DIMENSIONS
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
-
0.047
-
1.2
A1
0.002
0.006
0.05
0.15
A2
0.031
0.041
0.80
1.05
b
0.007
0.012
0.19
0.30
c
0.0035
0.0078
0.09
0.20
D
0.252
0.260
6.40
6.60
E
0.252 BSC
6.40 BSC
E1
0.169
0.177
4.30
4.50
e
0.0255 BSC
0.65 BSC
L
0.022
0.037
0.45
0.75
S
0.0078
-
0.20
-
θ
1
0
°
8
°
0
°
8
°
θ
2
12
° REF
12
° REF
θ
3
12
° REF
12
° REF
AMERICAN MICROSYSTEMS, INC.
be
D
A
1
SEATING PLANE
BASE PLANE
A
2
A
c
L
θ
1
θ
3
θ
2
S
E
E
1
Table 10: 20-pin SSOP (4.4mm) Package Characteristics
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
TYP.
UNITS
Thermal Impedance, Junction to Free-Air
Θ
JA
Air flow = 0 m/s
95
°C/W
Longest trace
1.680
Lead Inductance, Self
L11
Shortest trace
0.701
nH
Longest trace to first adjacent trace
0.606
Lead Inductance, Mutual
L12
Shortest trace to first adjacent trace
0.248
nH
Longest trace to VSS
0.306
Lead Capacitance, Bulk
C11
Shortest trace to VSS
0.184
pF
Longest trace to first adjacent trace
0.110
Lead Capacitance, Mutual
C12
Shortest trace to first adjacent trace
0.043
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com