Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6330 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS6330
Description  LAN HUB CLOCK GENERATOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6330 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS6330 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AMERICAN MICROSYSTEMS, INC.
May 2000
This document contains information on a preproduction product. Specifications and information herein are subject to change without notice.
5.23.00
FS6330
FS6330
FS6330
FS6330
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
Preliminary Information
Preliminary Information
Preliminary Information
Preliminary Information
ISO9001
ISO9001
ISO9001
ISO9001
1.0
Features
•
Develops all the high-speed clocks required for LAN
Hub applications
•
Clock skew on CLKB1:4 clocks < 250ps
•
Period jitter: 150ps pk-pk typical
•
Available in 20-pin SSOP and TSSOP packages
Figure 2: Pin Configuration
X1
VDD
CLKF
SEL1
CLKG
VSS
VDD
X2/REFIN
VSS
SEL0
1
12
2
3
4
5
6
7
8
11
VDD
9
10
CLKB4
VDD
CLKB3
VSS
CLKA
CLKB2
CLKB1
VSS
16
15
14
13
20
19
18
17
CLKC
Figure 1: Block Diagram
Crystal
Oscillator
FS6330
CLKA
X2/REFIN
X1
PLL
1
PLL
2
PLL
3
CLKB1:4
CLKC
CLKF
CLKG
Table 1: Frequency Table
FONT
CRYSTAL
SEL1
SEL0
CLKA
CLKB[1:4]
CLKC
CLKF
CLKG
0
0
25.000MHz
50.000MHz
66.667MHz
100.000MHz
125.000MHz
0
1
25.000MHz
50.000MHz
75.000MHz
125.000MHz
125.000MHz
1
0
25.000MHz
50.000MHz
83.333MHz
125.000MHz
125.000MHz
FS6330-01
25MHz
1
1
25.000MHz
50.000MHz
100.000MHz
100.000MHz
125.000MHz


Similar Part No. - FS6330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS6322-04 ETC1-FS6322-04 Datasheet
64Kb / 7P
Three-PLL Clock Generator IC
FS6322-05 ETC1-FS6322-05 Datasheet
59Kb / 7P
Three-PLL Clock Generator IC
FS6322-08 ETC-FS6322-08 Datasheet
62Kb / 7P
THREE PLL CLOCK GENERATOR IC
logo
ON Semiconductor
FS6370 ONSEMI-FS6370 Datasheet
585Kb / 28P
EEPROM Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 3
logo
List of Unclassifed Man...
FS6370-01 ETC2-FS6370-01 Datasheet
1Mb / 25P
EEPROM Programmable 3-PLL Clock Generator IC
More results

Similar Description - FS6330

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
Clock Generator IC
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
Clock generator IC
BU2285FV ROHM-BU2285FV Datasheet
63Kb / 7P
Clock generator IC
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
Clock generator IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
VCXO Clock Generator IC
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
Motherboard Clock Generator IC
logo
Asahi Kasei Microsystem...
AK8142 AKM-AK8142 Datasheet
313Kb / 19P
Programable Clock Generator IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com