Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6330 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS6330
Description  LAN HUB CLOCK GENERATOR IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS6330 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS6330 Datasheet HTML 1Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 2Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 3Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 4Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 5Page - List of Unclassifed Manufacturers FS6330 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AMERICAN MICROSYSTEMS, INC.
May 2000
5.23.00
4
FS6330
FS6330
FS6330
FS6330
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
LAN Hub Clock Generator IC
Preliminary Information
Preliminary Information
Preliminary Information
Preliminary Information
3.0
Package Information
Table 7: 20-pin SSOP (5.3mm) Package Dimensions
DIMENSIONS
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
-
0.079
-
2.0
A1
0.002
-
0.05
-
A2
0.065
0.073
1.65
1.85
b
0.009
0.22
0.38
c
0.0004
0.0098
0.09
0.25
D
0.272
0.295
6.90
7.50
E
0.291
0.323
7.40
8.20
E1
0.197
0.220
5.00
5.60
e
0.0255 BSC
0.65 BSC
L
0.022
0.037
0.55
0.95
θ
0
°
8
°
0
°
8
°
AMERICAN MICROSYSTEMS, INC.
be
D
A
1
SEATING PLANE
BASE PLANE
A
c
L
θ
E
E
1
1
20
A
2
Table 8: 20-pin SSOP (5.3mm) Package Characteristics
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
TYP.
UNITS
Thermal Impedance, Junction to Free-Air
Θ
JA
Air flow = 0 m/s
110
°C/W
Longest trace
2.260
Lead Inductance, Self
L11
Shortest trace
0.958
nH
Longest trace to first adjacent trace
0.848
Lead Inductance, Mutual
L12
Shortest trace to first adjacent trace
0.408
nH
Longest trace to VSS
0.395
Lead Capacitance, Bulk
C11
Shortest trace to VSS
0.209
pF
Longest trace to first adjacent trace
0.163
Lead Capacitance, Mutual
C12
Shortest trace to first adjacent trace
0.057
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com