Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5546 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5546
Description  40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5546 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5546 Datasheet HTML 4Page - Linear Technology LT5546 Datasheet HTML 5Page - Linear Technology LT5546 Datasheet HTML 6Page - Linear Technology LT5546 Datasheet HTML 7Page - Linear Technology LT5546 Datasheet HTML 8Page - Linear Technology LT5546 Datasheet HTML 9Page - Linear Technology LT5546 Datasheet HTML 10Page - Linear Technology LT5546 Datasheet HTML 11Page - Linear Technology LT5546 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT5546
8
5546f
APPLICATIO S I FOR ATIO
To keep the DC resistance of L3 below 2
Ω, 120nH is used.
This disturbs the matching network slightly by causing the
frequency where the S11 is minimal to be lower than the
frequency where the amplitudes of IF+ and IF– are equal.
To compensate for this, the value of coupling capacitor C3
is lowered and will contribute some correcting reactance.
For low frequencies, it might not be possible to find any
practical inductor value for L3 with DC resistance smaller
than 2
Ω. In that case it is recommended to use a trans-
former with a center tap. The tolerance for the components
in Figure 1 can be 10% for a return loss higher than 16dB
and a gain reduction due to mismatch less than 0.3dB.
It is possible to simplify the input matching circuit and
compromise the performance. In Figure 2a, the simplified
matching network is given.
This matching network can deliver equal amplitudes to the
IF+ and IF– inputs for a narrow frequency region, but the
phase difference between the inputs will not be exactly 180
degrees. In practice, the phase shift will be around 145
Figure 1. Example L-C IF Input Matching Network at 280MHz
C3
56pF
C1
5.6pF
C2
5.6pF
L1
56nH
L3
120nH
L2
56nH
TO IF+
TO IF–
5546 F01
IF
INPUT
Table 1. The Component Values of Matching Network L1, L2, L3,
C1, C2 and C3.
fIF(MHz)
L1, L2(nH)
C1, C2(pF)
L3(nH)
C3(pF)
50
340
34
1800
820
100
159
15.9
470
220
150
106
10.6
470
220
200
80
8.0
470
220
250
64
6.4
120
56
300
53
5.3
120
56
350
45
4.5
120
56
400
40
4.0
120
56
450
35
3.5
120
56
500
32
3.2
120
56
degrees, depending on the quality factor of the network.
This will result in a reduction in the gain. The higher the
chosen quality factor, the closer the phase difference will
approach 180 degrees. However, a higher quality factor
will reduce bandwidth and create more loss in the match-
ing network. For minimum board space, 0402 compo-
nents are used. The measured noise figure for maximum
gain with this matching network is about 9.4dB, and the
maximum gain is about 55dB. Assuming 0402 inductors
with Q = 35, the insertion loss of this network is about
2.5dB. The tolerance for the components in Figure 2a can
be 10% for a return loss higher than 10dB and a gain
reduction due to mismatch less than 0.5dB. The measured
input sensitivity for this matching network (see also Fig-
ure 11) is about –78.3dBm for a 10dB signal-to-noise
ratio.
The gain of the VGA is set by the voltage at the VCTRL pin.
For high gain settings, both the noise figure and the input
IP3 will be low. From a noise figure point of view, it is
advantageous to work as closely as possible to the maxi-
mum gain point. However, if the voltage at the VCTRL pin
is increased beyond the maximum gain point (where
additional increase in control voltage does not give an
increase in gain), the response time of the gain control
circuit is increased. If control speed is crucial, a few dB of
gain margin should be allowed from the highest gain point
to be sure that at all temperatures, the maximum gain
setting is not crossed. At low gain settings, the noise figure
and the input IP3 will be high. Optionally, the control
voltage VCTRL can be set lower than 0.2V. The normal
range is from VCTRL = 0.2V to 1.7V, which results in a
nominal gain range from 1.6dB to 56.8dB. The linear-in-
dB gain relation with the VCTRL voltage still holds for
control voltages as low as –0.35V. This results in an
Figure 2a. Simplified IF Input Matching Network at 280MHz
and Figure 2b. Simplified Circuit Schematic of the IF Inputs
75
Ω
C1
10pF
L1
15nH
L2
15nH
TO IF+
IF–
IF+
TO IF–
5546 F02
IF
INPUT
1mA
1mA
75
Ω
VBIAS
(2a)
(2b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com