Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5546 Datasheet(PDF) 2 Page - Linear Technology

Part # LT5546
Description  40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5546 Datasheet(HTML) 2 Page - Linear Technology

  LT5546 Datasheet HTML 1Page - Linear Technology LT5546 Datasheet HTML 2Page - Linear Technology LT5546 Datasheet HTML 3Page - Linear Technology LT5546 Datasheet HTML 4Page - Linear Technology LT5546 Datasheet HTML 5Page - Linear Technology LT5546 Datasheet HTML 6Page - Linear Technology LT5546 Datasheet HTML 7Page - Linear Technology LT5546 Datasheet HTML 8Page - Linear Technology LT5546 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT5546
2
5546f
Supply Voltage ....................................................... 5.5V
Differential Voltage Between 2xLO+ and 2xLO–.......... 4V
IF+, IF– ............................................. –500mV to 500mV
IOUT+, IOUT–, QOUT+, QOUT– .................. VCC – 1.8V to VCC
Operating Ambient Temperature
(Note 2) ...................................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
Voltage on Any Pin
Not to Exceed ........................ –500mV to VCC + 500mV
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD IS GND (PIN 17)
(MUST BE SOLDERED TO PCB)
LT5546EUF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS V
CC = 3V, f2xLO = 570MHz, P2xLO = – 5dBm (Note 5), fIF = 284MHz,
PIF = –30dBm, I and Q outputs 800mVP-P into 4kΩ differential load, TA = 25°C, EN = VCC, STBY = VCC, unless otherwise noted. (Note 3)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
16 15 14 13
5
6
7
8
TOP VIEW
UF PACKAGE
16-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
GND
IF+
IF–
GND
STBY
2xLO+
2xLO–
EN
17
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input
fIF
Frequency Range
40 to 500
MHz
Nominal Input Level
RSOURCE = 200Ω Differential
–76 to –19
dBm
Input Impedance
IF+, IF– to GND, EN = VCC
100
Ω//1.2pF
IF+, IF– to GND, EN = GND
1pF
NF
Noise Figure at Max Gain
VCTRL = 1.7V
7.8
dB
GL
Min Gain (Note 4)
VCTRL = 0.2V
1.6
6
dB
GH
Max Gain (Note 4)
VCTRL = 1.7V
49
56
dB
IIP3
Input IP3, Min Gain
PIF = –22.5dBm (Note 7)
–1
dBm
Input IP3, Max Gain
PIF = –75dBm (Note 7)
–49
dBm
IIP2
Input IP2, Min Gain
VCTRL = 0.2V (Note 9)
36
dBm
Input IP2, Max Gain
VCTRL = 1.7V (Note 9)
–25
dBm
Demodulator I/Q Output
Nominal Voltage Swing
(Note 6)
0.8
VP-P
Clipping Level
(Note 6)
1.47
VP-P
DC Common Mode Voltage
VCC – 1.19
V
I/Q Amplitude Imbalance
(Note 8)
0.14
0.6
dB
I/Q Phase Imbalance
(Note 8)
0.6
3
Deg
DC Offset
(Notes 6, 8)
21
mV
Output Driving Capability
Single Ended, CLOAD ≤ 10pF
2
1.5
k
Ω
ro
Small-Signal Output Impedance
(Note 6)
180
Ω
STBY to Turn-On Delay
0.3
µs
I/Q Output 1dB Compression
–10
dBm
I/Q Output IM3
PIF, 1 = –25.5dBm, 280MHz
– 49
dBc
PIF, 2 = –25.5dBm, 280.1MHz (Note 7)
UF PART MARKING
5546



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com