Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5546 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5546
Description  40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5546 Datasheet(HTML) 1 Page - Linear Technology

  LT5546 Datasheet HTML 1Page - Linear Technology LT5546 Datasheet HTML 2Page - Linear Technology LT5546 Datasheet HTML 3Page - Linear Technology LT5546 Datasheet HTML 4Page - Linear Technology LT5546 Datasheet HTML 5Page - Linear Technology LT5546 Datasheet HTML 6Page - Linear Technology LT5546 Datasheet HTML 7Page - Linear Technology LT5546 Datasheet HTML 8Page - Linear Technology LT5546 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT5546
1
5546f
s
17MHz I/Q Lowpass Output Noise Filters
s
Wide Range 1.8V to 5.25V Supply Voltage
s
Frequency Range: 40MHz to 500MHz
s
THD < 0.14% (–57dBc)
at 800mVP-P Differential Output Level
s
IF Overload Detector
s
Log Linear Gain Control Range: –7dB to 56dB
s
Baseband I/Q Amplitude Imbalance: 0.2dB
s
Baseband I/Q Phase Imbalance: 0.6
°
s
7.8dB Noise Figure at Max Gain
s
Input IP3 at Low Gain: – 1dBm
s
Low Supply Current: 24mA
s
Low Delay Shift Over Gain Control Range: 2ps/dB
s
Outputs Biased Up While in Standby
s
16-Lead QFN 4mm
× 4mm Package with Exposed Pad
40MHz to 500MHz VGA
and I/Q Demodulator with
17MHz Baseband Bandwidth
, LTC and LT are registered trademarks of Linear Technology Corporation.
Total Harmonic Distortion vs
IF Input Level at 1.8V Supply
s
GPS IF Receivers
s
Satellite IF Receivers
s
VHF/UHF Receivers
s
Wireless Local Loop
2xLO+
2xLO–
IF+
IF–
EN
STBY
VCC
IOUT
+
IOUT
–
QOUT
+
QOUT
–
GND
1.8V
C2
1
µF
C1
1nF
C3
1.8pF
STANDBY
2xLO
560MHz
INPUT
280MHz
IF INPUT
C3
10pF
5546 TA01
÷2
LT5546
L1
15nH
L2
15nH
L3
39nH
C5
3.3pF
C4
3.3pF
GAIN CONTROL
ENABLE
IF DET
VCTRL
The LT
®5546 is a 40MHz to 500MHz monolithic integrated
quadrature demodulator with variable gain amplifier (VGA)
and 17MHz I/Q baseband bandwidth designed for low volt-
age operation. It supports standards that use a linear modu-
lation format. The chip consists of a VGA, quadrature down-
converting mixers and 17MHz lowpass noise filters (LPF).
The LO port consists of a divide-by-two stage and LO
buffers. The IC provides all building blocks for IF down-
conversion to I and Q baseband signals with a single
supply voltage of 1.8V to 5.25V. The VGA gain has a linear-
in-dB relationship to the control input voltage. Hard-clip-
ping amplifiers at the mixer outputs reduce the recovery
time from a signal overload condition. The lowpass filters
reduce the out-of-band noise and spurious frequency
components. The –3dB corner frequency of the noise
filters is approximately 17MHz and has a first order roll-
off. The standby mode provides reduced supply current
and fast transient response into the normal operating mode
when the I/Q outputs are AC-coupled to a baseband chip.
IF INPUT POWER EACH TONE (dBm)
–60
–25
–30
–35
–40
–45
–50
–55
–60
–50
–40
–30
–20
5546 TA01b
–10
fIF, 1 = 280MHz
fIF, 2 = 280.1MHz
f2xLO = 570MHz
800mVP-P DIFFERENTIAL OUT
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT5546

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5546 LINER-LT5546_15 Datasheet
290Kb / 12P
40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
More results

Similar Description - LT5546

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Linear Technology
LT5506 LINER-LT5506 Datasheet
321Kb / 12P
40MHz to 500MHz Quadrature Demodulator with VGA
logo
Mini-Circuits
JCIQ-176D+ MINI-JCIQ-176D+ Datasheet
175Kb / 1P
I&Q Demodulator
logo
Analog Devices
AD9279 AD-AD9279 Datasheet
971Kb / 44P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
logo
Linear Technology
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
40MHz to 500MHz Quadrature Demodulator with VGA
LT5546 LINER-LT5546_15 Datasheet
290Kb / 12P
40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
logo
Analog Devices
AD9278 AD-AD9278 Datasheet
910Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
02/23/2017
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
23-Feb-2017
logo
Mini-Circuits
MIQA-21D MINI-MIQA-21D Datasheet
179Kb / 1P
I&Q Demodulator
ZFMIQ-70D MINI-ZFMIQ-70D Datasheet
205Kb / 1P
I&Q Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com