Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5546 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5546
Description  40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5546 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5546 Datasheet HTML 3Page - Linear Technology LT5546 Datasheet HTML 4Page - Linear Technology LT5546 Datasheet HTML 5Page - Linear Technology LT5546 Datasheet HTML 6Page - Linear Technology LT5546 Datasheet HTML 7Page - Linear Technology LT5546 Datasheet HTML 8Page - Linear Technology LT5546 Datasheet HTML 9Page - Linear Technology LT5546 Datasheet HTML 10Page - Linear Technology LT5546 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT5546
7
5546f
BLOCK DIAGRA
2
×LO+
2
×LO–
IF+
IF–
IF DET
EN
STBY
IOUT
+
IOUT
–
QOUT
+
QOUT
–
90
°
0
°
5546 BD
÷2
2
5
8
7
14
13
15
16
3
6
11
10
9
1
4
17
12
VCTRL
VCC
VCC
VGA
I-MIXER
Q-MIXER
CLIPPER
CLIPPER
LPF
LPF
DETECTOR
The LT5546 consists of a variable gain amplifier (VGA),
I/Q demodulator, quadrature LO generator, lowpass fil-
ters (LPFs), clipping amplifiers (clippers) and bias cir-
cuitry.
The IF signal is fed to the inputs of the VGA. The VGA gain
is typically set by an external signal in such a way that the
amplified IF signal delivered to the I/Q mixers is constant.
The IF signal is then converted into I/Q baseband signals
using the I/Q down-converting mixers. The quadrature LO
signals that drive the mixers are internally generated from
the on-chip divide-by-two circuit. The I/Q signals are
passed through first-order low-pass filters and subse-
quently a pair of hard-clipping amplifiers (clippers). After
externally setting the required gain, these amplifiers should
not clip. However, in the event of overload, they reduce the
settling time of any (optional) external AC coupling capaci-
tors by preventing asymmetrical charging and discharg-
ing effects. The I/Q baseband outputs are buffered by
output drivers.
VGA and Input Matching
The VGA has a nominal 60dB gain control range with a
frequency range of 40MHz to 500MHz. The inputs of the
VGA must have a DC return to ground. This can be done
using a transformer with a central tap (on the secondary)
or an LC matching circuit with a matched impedance at the
frequency of interest and near zero impedance at DC. The
differential AC input impedance of the LT5546 is about
200
Ω, thus a 1:4 (impedance ratio) RF transformer with
center tap can be used. In Figure 6, the evaluation board
APPLICATIO S I FOR ATIO
schematic is shown using a 1:4 transformer. The mea-
sured input sensitivity of this board is about –80.5dBm for
a 10dB signal-to-noise ratio. In the case of an L-C match-
ing circuit, the circuit of Figure 1 can be used. In Table 1
the matching network component values are given for a
range of IF frequencies. The matching circuit of Figure 1
approaches 180
° phase shift between IF+ and IF– in a
broad range around its center frequency. However, some
amplitude mismatch occurs if the circuit is not tuned to the
center frequency. This leads to reduced circuit linearity
performance, because one of the inputs carries a higher
signal compared to the perfectly balanced case. A 10%
frequency shift from the center frequency results in about
a 2dB gain difference between the IF+ and IF– inputs. This
results in a 1.5dB higher IM3 contribution from the input
stage which leads to a 0.75dB drop in IIP3. Moreover, the
IIP2 of the circuit is also reduced which can lead to a higher
second order harmonic contribution. The circuit can be
driven single ended, but this is not recommended because
it leads to a 3dB drop in gain and a considerable increase
in IM5 and IM7 components. The single-ended noise
figure increases by 4dB if one IF input is directly grounded
and increases by 1.5dB if one IF input is grounded via a
1
µH inductor. An IF input cannot be left open or connected
via a resistor to ground because this will disturb the
internal biasing, reducing the gain, noise and linearity
performance. For optimal performance, it is important to
keep the DC impedance to ground of both IF inputs lower
than 2
Ω. In the matching network of Figure 1, inductor L3
is used for supplying the DC bias current to the IF+ input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com