Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5546 Datasheet(PDF) 11 Page - Linear Technology

Part # LT5546
Description  40MHz to 500MHz VGA and I/Q Demodulator with 17MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5546 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT5546 Datasheet HTML 4Page - Linear Technology LT5546 Datasheet HTML 5Page - Linear Technology LT5546 Datasheet HTML 6Page - Linear Technology LT5546 Datasheet HTML 7Page - Linear Technology LT5546 Datasheet HTML 8Page - Linear Technology LT5546 Datasheet HTML 9Page - Linear Technology LT5546 Datasheet HTML 10Page - Linear Technology LT5546 Datasheet HTML 11Page - Linear Technology LT5546 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT5546
11
5546f
Figure 7. Component Side Silkscreen of Evaluation Board
Figure 8. Component Side Layout of Evaluation Board
Figure 9. Bottom Side Silkscreen of Evaluation Board
Figure 10. Bottom Side Layout of Evaluation Board
APPLICATIO S I FOR ATIO
Figure 11. 2.4GHz to 2.5GHz Receiver Application (RX IF = 280MHz)
EN
STBY
VCC
0
°
90
°
1.8V
1
µF
1nF
280MHz
IF SAW BP FILTER
10pF
5546 F11
f/2
LT5546
16
15
7
6
14
13
12
9
2
3
11
10
15nH
15nH
39nH
3.3pF
3.3pF
IF DET
VCTRL
I-MIXER
Q-MIXER
HARD
CLIPPER
HARD
CLIPPER
LPF
LPF
5, 8
RX
FRONT END
MAIN
SYNTHESIZER
AUX
SYNTHESIZER
RX INPUT:
2.4GHz TO 2.5GHz
Q-OUTPUTS
I-OUTPUTS
A/D
A/D
D/A
A/D
BASEBAND
PROCESSOR
1,4,17
1ST LO,
2.12GHz
TO 2.22GHz
2ND LO,
560MHz
–10dBm
VGA
Evaluation Board
The evaluation circuit schematic is drawn in Figure 6. The
components associated with buffers U2 and U3 are in-
cluded to drive a 50
Ω load for evaluation purposes only.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
There is a unity voltage gain relationship for AC signals
between the evaluation board outputs (I and Q) and the
IOUT+, IOUT– or QOUT+ and QOUT– outputs of the LT5546
when the evaluation board outputs are terminated in 50
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com