Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DH12 Datasheet(PDF) 52 Page - STMicroelectronics

Part # LIS2DH12
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LIS2DH12 Datasheet HTML 45Page - STMicroelectronics LIS2DH12 Datasheet HTML 46Page - STMicroelectronics LIS2DH12 Datasheet HTML 47Page - STMicroelectronics LIS2DH12 Datasheet HTML 48Page - STMicroelectronics LIS2DH12 Datasheet HTML 49Page - STMicroelectronics LIS2DH12 Datasheet HTML 50Page - STMicroelectronics LIS2DH12 Datasheet HTML 51Page - STMicroelectronics LIS2DH12 Datasheet HTML 52Page - STMicroelectronics LIS2DH12 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Revision history
LIS2DH12
52/53
DocID025056 Rev 6
10
Revision history
Table 88. Document revision history
Date
Revision
Changes
06-Aug-2013
1
Initial release
23-Oct-2015
2
Added Section 9.2: LGA-12 packing information
02-Dec-2015
3
Corrected orientation of X and Y axes in Figure 2: Pin connections
Corrected chamfer of pin 1 in Figure 5: LIS2DH12 electrical connections
Updated default values in Table 21: Register address map
Modified register 0Eh to “Reserved” in Table 21 and removed from
Section 8: Register description
Corrected typo in Table 87: Reel dimensions for carrier tape of LGA-12 package
23-May-2016
4
Updated Table 1: Device summary
Updated APOW and AUNP in Table 9: Absolute maximum ratings
08-Nov-2016
5
Updated Table 2: Pin description
Added Table 3: Internal pull-up values (typ.) for SDO/SA0 pin
Updated Section 3.7: Temperature sensor
Added Table 13: Internal pin status
Updated CTRL_REG2 (21h)
Updated Section 8: Register description
Minor textual updates
05-May-2017
6
Added footnote 1 to Table 10 concerning power-down from high-resolution mode
Updated CTRL_REG1 (20h)
Added footnote 1 to HR bit description in CTRL_REG4 (23h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com