Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DH12 Datasheet(PDF) 35 Page - STMicroelectronics

Part # LIS2DH12
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LIS2DH12 Datasheet HTML 31Page - STMicroelectronics LIS2DH12 Datasheet HTML 32Page - STMicroelectronics LIS2DH12 Datasheet HTML 33Page - STMicroelectronics LIS2DH12 Datasheet HTML 34Page - STMicroelectronics LIS2DH12 Datasheet HTML 35Page - STMicroelectronics LIS2DH12 Datasheet HTML 36Page - STMicroelectronics LIS2DH12 Datasheet HTML 37Page - STMicroelectronics LIS2DH12 Datasheet HTML 38Page - STMicroelectronics LIS2DH12 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
DocID025056 Rev 6
35/53
LIS2DH12
Register description
53
ODR[3:0] is used to set the power mode and ODR selection. The following table indicates
the frequency of each combination of ODR[3:0].
By design, when the device from high-resolution configuration (HR) is set to power-down
mode (PD), it is recommended to read register REFERENCE (26h) for a complete reset of
the filtering block before switching to normal/high-performance mode again for proper
device functionality.
Table 31. Data rate configuration
ODR3
ODR2
ODR1
ODR0
Power mode selection
0
0
0
0
Power-down mode
0
0
0
1
HR / Normal / Low-power mode (1 Hz)
0
0
1
0
HR / Normal / Low-power mode (10 Hz)
0
0
1
1
HR / Normal / Low-power mode (25 Hz)
0
1
0
0
HR / Normal / Low-power mode (50 Hz)
0
1
0
1
HR / Normal / Low-power mode (100 Hz)
0
1
1
0
HR / Normal / Low-power mode (200 Hz)
0
1
1
1
HR/ Normal / Low-power mode (400 Hz)
1
0
0
0
Low-power mode (1.620 kHz)
1
0
0
1
HR/ Normal (1.344 kHz);
Low-power mode (5.376 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com