Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DH12 Datasheet(PDF) 32 Page - STMicroelectronics

Part # LIS2DH12
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LIS2DH12 Datasheet HTML 28Page - STMicroelectronics LIS2DH12 Datasheet HTML 29Page - STMicroelectronics LIS2DH12 Datasheet HTML 30Page - STMicroelectronics LIS2DH12 Datasheet HTML 31Page - STMicroelectronics LIS2DH12 Datasheet HTML 32Page - STMicroelectronics LIS2DH12 Datasheet HTML 33Page - STMicroelectronics LIS2DH12 Datasheet HTML 34Page - STMicroelectronics LIS2DH12 Datasheet HTML 35Page - STMicroelectronics LIS2DH12 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Register mapping
LIS2DH12
32/53
DocID025056 Rev 6
Registers marked as Reserved or not listed in the table above must not be changed. Writing
to those registers may cause permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
The boot procedure is complete within 5 milliseconds after device power-up.
INT1_DURATION
rw
33
011 0011
00000000
INT2_CFG
rw
34
011 0100
00000000
INT2_SRC
r
35
011 0101
Output
INT2_THS
rw
36
011 0110
00000000
INT2_DURATION
rw
37
011 0111
00000000
CLICK_CFG
rw
38
011 1000
00000000
CLICK_SRC
r
39
011 1001
Output
CLICK_THS
rw
3A
011 1010
00000000
TIME_LIMIT
rw
3B
011 1011
00000000
TIME_LATENCY
rw
3C
011 1100
00000000
TIME_WINDOW
rw
3D
011 1101
00000000
ACT_THS
rw
3E
011 1110
00000000
ACT_DUR
rw
3F
011 1111
00000000
Table 21. Register address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com