Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS2DH12 Datasheet(PDF) 37 Page - STMicroelectronics

Part # LIS2DH12
Description  Free-fall detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH12 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LIS2DH12 Datasheet HTML 33Page - STMicroelectronics LIS2DH12 Datasheet HTML 34Page - STMicroelectronics LIS2DH12 Datasheet HTML 35Page - STMicroelectronics LIS2DH12 Datasheet HTML 36Page - STMicroelectronics LIS2DH12 Datasheet HTML 37Page - STMicroelectronics LIS2DH12 Datasheet HTML 38Page - STMicroelectronics LIS2DH12 Datasheet HTML 39Page - STMicroelectronics LIS2DH12 Datasheet HTML 40Page - STMicroelectronics LIS2DH12 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
DocID025056 Rev 6
37/53
LIS2DH12
Register description
53
8.9
CTRL_REG4 (23h)
Table 37. CTRL_REG4 register
BDU
BLE(1)
1. The BLE function can be activated only in high-resolution mode
FS1
FS0
HR
ST1
ST0
SIM
Table 38. CTRL_REG4 description
BDU
Block data update. Default value: 0
(0: continuous update;
1: output registers not updated until MSB and LSB have been read)
BLE
Big/Little Endian data selection. Default value: 0
(0: data LSb at lower address; 1: data MSb at lower address)
The BLE function can be activated only in high-resolution mode
FS[1:0]
Full-scale selection. Default value: 00
(00: ±2 g; 01: ±4 g; 10: ±8 g; 11: ±16 g)
HR
Operating mode selection (refer to section 3.2.1: High-resolution, normal
mode, low-power mode)(1)
1. By design, when the device from high-resolution configuration (HR) is set to power-down mode (PD), it is
recommended to read register REFERENCE (26h) for a complete reset of the filtering block before
switching to normal/high-performance mode again for proper device functionality.
ST[1:0]
Self-test enable. Default value: 00
(00: self-test disabled; other: see Table 39)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
Table 39. Self-test mode configuration
ST1
ST0
Self-test mode
0
0
Normal mode
0
1
Self test 0
1
0
Self test 1
11--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com