Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NS486SXF Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS486SXF
Description  NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS486SXF Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button NS486SXF Datasheet HTML 35Page - National Semiconductor (TI) NS486SXF Datasheet HTML 36Page - National Semiconductor (TI) NS486SXF Datasheet HTML 37Page - National Semiconductor (TI) NS486SXF Datasheet HTML 38Page - National Semiconductor (TI) NS486SXF Datasheet HTML 39Page - National Semiconductor (TI) NS486SXF Datasheet HTML 40Page - National Semiconductor (TI) NS486SXF Datasheet HTML 41Page - National Semiconductor (TI) NS486SXF Datasheet HTML 42Page - National Semiconductor (TI) NS486SXF Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
30 Device Specifications (Continued)
Symbol
Parameter
Min
Max
Units
tSINT
Delay from Stop Bit to Set Interrupt
2
BAUDOUT Cycles
tSTI
Delay from Start Bit to IRQ
8
BAUDOUT Cycles
tSI
Delay from Initial Write to IRQ
16
24
BAUDOUT Cycles
tIRS
Delay from IRQ Reset to Tx Start
8
24
BAUDOUT Cycles
tMDO
Delay from Write to Output
40
ns
tRIM
Delay to Reset IRQA from Read
78
ns
tSIM
Delay to Set IRQ from Modem Input
40
ns
BAUDOUT Cycle e
Input Clock Frequency
16 x Baudrate Divisor
Input Clock Frequency e
OSCX1 Frequency
UART Clock Divisor
Registers Divisor Latch Holds Baudrate Divisor
EF70 holds UART Clock Divisor
TLEE12514 – 28
TLEE12514 – 29
FIGURE 3-18 UART IRQ Timing
http
www nationalcom
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com