Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NS486SXF Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS486SXF
Description  NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS486SXF Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button NS486SXF Datasheet HTML 9Page - National Semiconductor (TI) NS486SXF Datasheet HTML 10Page - National Semiconductor (TI) NS486SXF Datasheet HTML 11Page - National Semiconductor (TI) NS486SXF Datasheet HTML 12Page - National Semiconductor (TI) NS486SXF Datasheet HTML 13Page - National Semiconductor (TI) NS486SXF Datasheet HTML 14Page - National Semiconductor (TI) NS486SXF Datasheet HTML 15Page - National Semiconductor (TI) NS486SXF Datasheet HTML 16Page - National Semiconductor (TI) NS486SXF Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
20 Pin Description Tables (Continued)
TABLE 2-7 Test Pins
Symbol
Pins
Type
Function
TEST
66
IO
Reserved for testing and development system support
TABLE 2-8 Interrupt Control Pins
Symbol
Pins
Type
Function
NMI
105
I
N
on-Maskable Interrupt This active-high signal will generate a non-maskable interrupt to the CPU
when it is active high Normally this signal is used to indicate a serious system error
INTA
106
O
INT
errupt Acknowledge During each interrupt acknowledge cycle this signal will strobe low it
should be used by external cascaded interrupt controllers
IRQ 50
107 108
I
I
nterrupt ReQuests These inputs are either rising edge or low-level sensitive interrupt requests
depending on the configuration of the internal interrupt controllers These interrupt requests may
109 110
also be programmed to support externally cascaded interrupt controller(s) The IRQ pins are also
111 112
used to select a particular test in test mode If the PCMCIA controller is enabled IRQ 5 becomes
the IREQ signal
TABLE 2-9 Real Time Clock Pins
Symbol
Pins
Type
Function
RTCX1
62
I
R
eal Time Clock crystal oscillator input 32 kHz crystal
RTCX2
64
O
R
eal Time Clock crystal oscillator output 32 kHz crystal
Vbat
65
I
External a battery input for real time clock
TABLE 2-10 LCD Interface Pins
Symbol
Pins
Type
Function
LCD 30
51 52
O
Data
Output Word to LCD 1 e White 0 e Blueblack
53 54
CL2
50
O
Word CLock to LCD
CL1
49
O
Row CLock to LCD
CLF
48
O
F
rame CLock to LCD
TABLE 2-11 Oscillator Pins
Symbol
Pins
Type
Function
SYSCLK
121
O
SYS
tem CLocK This clock output pin will either be driven with a signal half the frequency of the OSCX1
input clock frequency or the CPU’s clock frequency which is determined in the Power Management
Control Register 1 The source selection for this signal is determined by bit 1 of the Power Management
Control Register 3
OSCX1
45
I
OSC
illator Crystal 1 input This pin should either be driven by a TTL oscillator or be connected to an
external crystal circuit This signal is the fundamental clock source for all clocked elements in the
NS486SXF
except the Real-Time Clock which has its own crystal pins
OSCX2
46
O
OSC
illator Crystal 2 output This is the output side of the NS486SXF on-chip circuitry provided to
support an external crystal circuit If a TTL oscillator drives OSCX1 this pin should be a no connect
http
www nationalcom
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com