Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NS486SXF Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS486SXF
Description  NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS486SXF Datasheet(HTML) 1 Page - National Semiconductor (TI)

  NS486SXF Datasheet HTML 1Page - National Semiconductor (TI) NS486SXF Datasheet HTML 2Page - National Semiconductor (TI) NS486SXF Datasheet HTML 3Page - National Semiconductor (TI) NS486SXF Datasheet HTML 4Page - National Semiconductor (TI) NS486SXF Datasheet HTML 5Page - National Semiconductor (TI) NS486SXF Datasheet HTML 6Page - National Semiconductor (TI) NS486SXF Datasheet HTML 7Page - National Semiconductor (TI) NS486SXF Datasheet HTML 8Page - National Semiconductor (TI) NS486SXF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TLEE12514
ADVANCE INFORMATION
February 1997
NS486TMSXF Optimized 32-Bit 486-Class Controller
with On-Chip Peripherals for Embedded Systems
General Description
The NS486SXF is a highly integrated embedded system
controller incorporating an Intel486TM-class 32-bit proces-
sor all of the necessary System Service Elements and a
set of peripheral IO controllers tailored for embedded con-
trol systems It is ideally suited for a wide variety of applica-
tions running in a segmented protect-mode environment
Key Features
Y
100% compatible with VxWorks
VRTX
QNX
Neu-
trino pSOSaTM and other popular real-time executives
and operating system kernels
Y
Intel486 instruction set compatible (protected mode
only) with optimized performance
Y
CPU includes a 1 Kbyte Instruction Cache
Y
Operation at 25 MHz with 5V supply
Y
Low cost 160-pin PQFP package
Y
Industry standard interrupt controller timers real time
clock UART with IrDA v10 (Infrared Data Association)
port
Y
Intel 82365 compatible PCMCIA interface
Y
Protected WATCHDOGTM timer
Y
Optimized DRAM Controller (supports two banks up to
8 Mbytes each)
Y
Up to nine versatile programmable chip selects
Y
Glueless interface to ISA peripherals
Y
Arbitration support for auxiliary processor
Y
Four external DMA channels (max transfer rate of 25
MBytesec
25 MHz) support many transfer modes
Y
High performance IEEE 1284 (ECP) Bidirectional
Parallel Port
Y
MICROWIRETM Accessbus synchronous serial
interfaces
Y
LCD Controller for an up to 4 grey scale supertwist
Liquid Crystal Displays up to 480 X 320
Y
Reconfigurable IO Up to 29 IO pins can be used as
general purpose bidirectional IO lines
Y
Flexible programmable multilevel power saving modes
maximize power savings
NS486SXF Single-Chip Embedded Controller
TLEE12514 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
NS486TM WATCHDOGTM and MICROWIRETM are trademarks of National Semiconductor Corporation
Intel486TM is a trademark of Intel Corporation
QNX
is a registered trademark of QNX Software Systems Inc
VRTX
is a registered trademark of Microtec Research Inc
VxWorks
is a registered trademark of Wind River Systems Inc
pSOSaTM is a trademark of Integrated Systems Inc
PowerPack
is a registered trademark of Microtek International
C1996 National Semiconductor Corporation
RRD-B30M27Printed in U S A
http
www nationalcom


Similar Part No. - NS486SXF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NS486SXF TI1-NS486SXF Datasheet
482Kb / 46P
Optimized 32-Bit 486-Class Controller
NS486SXF TI2-NS486SXF Datasheet
553Kb / 48P
NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
February 1997
NS486SXF-25/NOPB TI1-NS486SXF-25/NOPB Datasheet
482Kb / 46P
Optimized 32-Bit 486-Class Controller
NS486SXF-25/NOPB TI2-NS486SXF-25/NOPB Datasheet
553Kb / 48P
NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
February 1997
NS486SXF-25/NOPB.A TI2-NS486SXF-25/NOPB.A Datasheet
553Kb / 48P
NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
February 1997
More results

Similar Description - NS486SXF

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
Intel Corporation
M82380 INTEL-M82380 Datasheet
1Mb / 134P
HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS
logo
Motorola, Inc
MC68EC030 MOTOROLA-MC68EC030 Datasheet
392Kb / 36P
Second-Generation 32-Bit Enhanced Embedded Controller
logo
National Semiconductor ...
NS486SXL NSC-NS486SXL Datasheet
466Kb / 6P
Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
32-bit Embedded Controller Division
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
logo
Winbond
87541V WINBOND-87541V Datasheet
135Kb / 4P
Embedded Controller for Mobile Systems
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
High Performance 32-bit Embedded Controller
01/27/15
logo
Texas Instruments
NS486SXF TI1-NS486SXF Datasheet
482Kb / 46P
Optimized 32-Bit 486-Class Controller
logo
Winbond
PC97551 WINBOND-PC97551 Datasheet
268Kb / 6P
Embedded Controller for Notebook Systems
February 2006 Revision 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com