Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NS486SXF Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS486SXF
Description  NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS486SXF Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button NS486SXF Datasheet HTML 17Page - National Semiconductor (TI) NS486SXF Datasheet HTML 18Page - National Semiconductor (TI) NS486SXF Datasheet HTML 19Page - National Semiconductor (TI) NS486SXF Datasheet HTML 20Page - National Semiconductor (TI) NS486SXF Datasheet HTML 21Page - National Semiconductor (TI) NS486SXF Datasheet HTML 22Page - National Semiconductor (TI) NS486SXF Datasheet HTML 23Page - National Semiconductor (TI) NS486SXF Datasheet HTML 24Page - National Semiconductor (TI) NS486SXF Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
30 Device Specifications (Continued)
3149 REAL TIME CLOCK (RTCX1CLK)
Symbol
Parameter
Condition
Min
Max
Unit
Notes
VIH
RTCX1 Input High Voltage
20
RTCX2 is
the output
VIL
RTCX1 Input Low Voltage
04
V
VBAT
Battery Voltage
24
V
Lithium
Battery
IBAT
Battery Current
VBAT e 30 V
3
m
A
31410 PCMCIA (RIO8-15)
Symbol
Parameter
Condition
Min
Max
Unit
Notes
VOH
Output High Voltage
IOH eb12 mA on
Power
VCC SEL VPP SEL1 VPP SEL2
Switch
IOH eb6 mA on
24
V
1 Card at a
DIR ENABLE REG CD
RST BUSY
LED
50 pF Load
GPI RSV (RSV is a reserved usage pin)
VOL
Output Low Voltage
IOL e 12 mA on
VCC SEL VPP SEL VPP SEL2
IOL e 6 mA on
04
V
DIR ENABLE REG CD
RST BUSY
LED
GPI RSV (RSV is a reserved usage pin)
31411 IEEE-1284 PORT (ECP MODE) AND (RIO16-31)
Symbol
Parameter
Condition
Min
Max
Unit
Notes
ICH
High-Level Output Current
VOH e 24V on
(Note 4)
PD 70 SLIN STB AFD
14
mA
PE INIT ACK SLCT ERR BUSY
ICL
Low-Level Output Current
VOL e 04V on
PD 70 SLIN STB AFD
14
mA
PE INIT ACK SLCT ERR BUSY
Note 4
When ECP mode 0 or ECP mode 2 and bit 1 of PCR is 0 for the parallel port are selected pins AFD INIT SLIN and STB are open drain supports 47 kX
resistors should be used The ECP IOs have over-voltage protection against being backdriven by higher external voltages when the IOs are at TRI-STATE The
IOs also isolate the NS486SXF power-rail from external voltages when the chip is powered down The maximum power-down leakage is 1 mA to ground
31412 TIMER
Symbol
Parameter
Condition
Min
Max
Unit
Notes
VOH
Output High Voltage
IOH eb6 mA on T0 T1
24
V
VOL
Output Low Voltage
IOL e 6 mA on T0 T1
04
V
http
www nationalcom
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com