Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NS486SXF Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS486SXF
Description  NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS486SXF Datasheet(HTML) 2 Page - National Semiconductor (TI)

  NS486SXF Datasheet HTML 1Page - National Semiconductor (TI) NS486SXF Datasheet HTML 2Page - National Semiconductor (TI) NS486SXF Datasheet HTML 3Page - National Semiconductor (TI) NS486SXF Datasheet HTML 4Page - National Semiconductor (TI) NS486SXF Datasheet HTML 5Page - National Semiconductor (TI) NS486SXF Datasheet HTML 6Page - National Semiconductor (TI) NS486SXF Datasheet HTML 7Page - National Semiconductor (TI) NS486SXF Datasheet HTML 8Page - National Semiconductor (TI) NS486SXF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Table of Contents
10 SYSTEM OVERVIEW
11 NS486SXF System Overview
12 32-bit Processor Core
13 System Service Elements
131 DRAM Controller
132 DMA Controller
133 Programmable Interval Timer
134 WATCHDOG Timer
135 Interrupt Controller
136 Real Time ClockCalendar
137 Power Management Features
14 NS486SXF System Bus
15 Other On-board Peripherals
151 Reconfigurable IO Lines
152 IEEE 1284 Bidirectional Port
153 PCMCIA Interface
154 MICROWIREAccessbus Interface
155 UART Serial Port
156 LCD Controller
16 ICE Support
17 Other Issues
20 PIN DESCRIPTION TABLES
30 DEVICE SPECIFICATIONS
31 DC Electrical Specifications 5V g 5%
311 Recommended Operating Conditions
312 Absolute Maximum Ratings (Notes 2 and 3)
313 Capacitance TA e 25 C f e 1 MHz
314 DC Characteristics
32 General AC Specifications
321 Power Ramp Times
322 PWRGOOD and Power Rampdown Timing
33 AC Switching Specifications
331 DRAM Interface Timing Specification
332 ISA-like Bus Cycles Timing Specification
333 Ready Feedback Timing Specifications
334 OSCX1 AC Specification
335 Peripheral Timing Specifications
34 Physical Description
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com