Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC620 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix SIC620 Datasheet HTML 10Page - Vishay Siliconix SIC620 Datasheet HTML 11Page - Vishay Siliconix SIC620 Datasheet HTML 12Page - Vishay Siliconix SIC620 Datasheet HTML 13Page - Vishay Siliconix SIC620 Datasheet HTML 14Page - Vishay Siliconix SIC620 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
11
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 24 - DSBL# vs. Driver Input Voltage
Fig. 25 - DSBL# Pull-Down Current vs. Temperature
Fig. 26 - Boot Diode Forward Voltage vs. Temperature
Fig. 27 - Driver Shutdown Current vs. Temperature
Fig. 28 - Driver Supply Current vs. Temperature
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
Driver Supply Voltage, V
CIN (V)
V
IH_DSBL#
V
IL_DSBL#
10.0
10.1
10.2
10.3
10.4
10.5
10.6
10.7
10.8
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
I
F = 2 mA
0
10
20
30
40
50
60
70
80
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
DSBL# = 0 V
310
320
330
340
350
360
370
380
390
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (
°C)
V
PWM = FLOAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com