Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC620 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC620 Datasheet HTML 1Page - Vishay Siliconix SIC620 Datasheet HTML 2Page - Vishay Siliconix SIC620 Datasheet HTML 3Page - Vishay Siliconix SIC620 Datasheet HTML 4Page - Vishay Siliconix SIC620 Datasheet HTML 5Page - Vishay Siliconix SIC620 Datasheet HTML 6Page - Vishay Siliconix SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
2
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT CONFIGURATION
Fig. 2 - SiC620 and SiC620A Pin Configuration
PIN CONFIGURATION
PIN NUMBER
NAME
FUNCTION
1PWM
PWM control input
2
ZCD_EN#
ZCD control. Active low
3VCIN
Supply voltage for internal logic circuitry
4, 32
CGND
Analog ground for the driver IC
5
BOOT
High-side driver bootstrap voltage
6
GH
High-side gate signal
7
PHASE
Return path of high-side gate driver
8 to 11, 34
VIN
Power stage input voltage. Drain of high-side MOSFET
12 to 15, 28, 35
PGND
Power ground
16 to 26
VSWH
Switch node of the power stage
27, 33
GL
Low-side gate signal
29
VDRV
Supply voltage for internal gate driver
30
THWn
Thermal warning open drain output
31
DSBL#
Disable pin. Active low
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING CODE
OPTION
SiC620CD-T1-GE3
PowerPAK MLP55-31L
SiC620
5 V PWM optimized
SiC620ACD-T1-GE3
PowerPAK MLP55-31L
SiC620A
3.3 V PWM optimized
SiC620DB / SiC620ADB
Reference board
C
GND
BOOT
PHASE
V
IN
GH
PWM
ZCD_EN#
V
CIN
PGND
VIN
CGND
GL
Top view
Bottom view
C
GND
BOOT
PHASE
V
IN
HG
PWM
ZCD_EN#
V
CIN
35
PGND
34
VIN
32
CGND
GL
2
1
4
3
6
5
8
7
24
25
26
27
28
29
30
31
15
14
13
12
11
10
9
2
1
4
3
6
5
8
7
15 14 13 12
11 10
9
24 25 26 27 28 29 30 31
V
SWH 23
33
GL
V
SWH 22
V
SWH 21
V
SWH 20
V
SWH 19
V
SWH 18
V
SWH 17
V
SWH 16
23 V
SWH
22 V
SWH
21 V
SWH
20 V
SWH
19 V
SWH
16 V
SWH
18 V
SWH
17 V
SWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com