Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC620 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 9Page - Vishay Siliconix SIC620 Datasheet HTML 10Page - Vishay Siliconix SIC620 Datasheet HTML 11Page - Vishay Siliconix SIC620 Datasheet HTML 12Page - Vishay Siliconix SIC620 Datasheet HTML 13Page - Vishay Siliconix SIC620 Datasheet HTML 14Page - Vishay Siliconix SIC620 Datasheet HTML 15Page - Vishay Siliconix SIC620 Datasheet HTML 16Page - Vishay Siliconix SIC620 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
13
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Step 5: Signal Routing
1. Route the PWM / ZCD_EN# / DSBL# / THWn signal
traces out of the top left corner next DrMOS pin 1.
2. PWM signal is very important signal, both signal and
return traces need to pay special attention of not letting
this trace cross any power nodes on any layer.
3. It is best to “shield” traces form power switching nodes,
e.g. VSWH, to improve signal integrity.
4. GL (pin 27) has been connected with GL pad internally
and does not need to connect externally.
Step 6: Adding Thermal Relief Vias
1. Thermal relief vias can be added on the VIN and PGND
pads to utilize inner layers for high-current and thermal
dissipation.
2. To achieve better thermal performance, additional vias
can be put on VIN plane and PGND plane.
3. VSWH pad is a noise source and not recommended to put
vias on this plane.
4. 8 mil drill for pads and 10 mils drill for plane can be the
optional via size. Vias on pad may drain solder during
assembly and cause assembly issue. Please consult
with the assembly house for guideline.
Step 7: Ground Connection
1. It is recommended to make single connection between
CGND and PGND and this connection can be done on top
layer.
2. It is recommended to make the whole inner 1 layer (next
to top layer) ground plane and separate them into CGND
and PGND plane.
3. These ground planes provide shielding between noise
source on top layer and signal trace on bottom layer.
PGND
CGND
CGND
VIN plane
PGND
plane
VSWH
PGND
V
IN
CGND
VSWH
P
GND
C
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com