Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC620 Datasheet(PDF) 16 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 12Page - Vishay Siliconix SIC620 Datasheet HTML 13Page - Vishay Siliconix SIC620 Datasheet HTML 14Page - Vishay Siliconix SIC620 Datasheet HTML 15Page - Vishay Siliconix SIC620 Datasheet HTML 16Page - Vishay Siliconix SIC620 Datasheet HTML 17Page - Vishay Siliconix SIC620 Datasheet HTML 18Page - Vishay Siliconix SIC620 Datasheet HTML 19Page - Vishay Siliconix SIC620 Datasheet HTML 20Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S14-2385-Rev. E, 08-Dec-14
16
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DRAWING MLP55-31L
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A (8)
0.70
0.75
0.80
0.027
0.029
0.031
A1
0.00
-
0.05
0.000
-
0.002
A2
0.20 ref.
0.008 ref.
b (4)
0.20
0.25
0.30
0.008
0.010
0.012
D
5.00 BSC
0.196 BSC
e
0.50 BSC
0.019 BSC
E
5.00 BSC
0.196 BSC
L
0.35
0.40
0.45
0.013
0.015
0.017
N (3)
32
32
Nd (3)
88
Ne (3)
88
D2-1
0.98
1.03
1.08
0.039
0.041
0.043
D2-2
0.98
1.03
1.08
0.039
0.041
0.043
D2-3
1.87
1.92
1.97
0.074
0.076
0.078
D2-4
0.30 BSC
0.012 BSC
D2-5
1.00
1.05
1.10
0.039
0.041
0.043
E2-1
1.27
1.32
1.37
0.050
0.052
0.054
E2-2
1.93
1.98
2.03
0.076
0.078
0.080
E2-3
3.75
3.80
3.82
0.148
0.150
0.152
E2-4
0.45 BSC
0.018 BSC
K1
0.67 BSC
0.026 BSC
K2
0.22 BSC
0.008 BSC
K3
1.25 BSC
0.049 BSC
by marking
Pin 1 dot
Top view
D
MLP55-31L
(5 mm x 5 mm)
(Nd-1) x e
ref.
Bottom view
Side view
D2-3
D2-2
A
0.1 C A
2x
0.1 C B
2x
0.08 C
C
A
A2
A1
B
K7
56
D2- 1
D2-4
1
9
8
1
16
23
31
24
15
9
8
K1
K2
K4
K9
D2-5
K12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com