Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC620 Datasheet(PDF) 18 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower Integrated Power Stage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 18 Page - Vishay Siliconix

Back Button SIC620 Datasheet HTML 12Page - Vishay Siliconix SIC620 Datasheet HTML 13Page - Vishay Siliconix SIC620 Datasheet HTML 14Page - Vishay Siliconix SIC620 Datasheet HTML 15Page - Vishay Siliconix SIC620 Datasheet HTML 16Page - Vishay Siliconix SIC620 Datasheet HTML 17Page - Vishay Siliconix SIC620 Datasheet HTML 18Page - Vishay Siliconix SIC620 Datasheet HTML 19Page - Vishay Siliconix SIC620 Datasheet HTML 20Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 24-Oct-16
1
Document Number: 64909
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® MLP55-31L Case Outline
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A (8)
0.70
0.75
0.80
0.027
0.029
0.031
A1
0.00
-
0.05
0.000
-
0.002
A2
0.20 ref.
0.008 ref.
b (4)
0.20
0.25
0.30
0.008
0.010
0.012
D
4.90
5.00
5.10
0.193
0.196
0.200
e
0.50 BSC
0.019 BSC
E
4.90
5.00
5.10
0.193
0.196
0.200
L
0.35
0.40
0.45
0.013
0.015
0.017
N (3)
32
32
Nd (3)
88
Ne (3)
88
D2-1
0.98
1.03
1.08
0.039
0.041
0.043
D2-2
0.98
1.03
1.08
0.039
0.041
0.043
D2-3
1.87
1.92
1.97
0.074
0.076
0.078
D2-4
0.30 BSC
0.012 BSC
D2-5
1.00
1.05
1.10
0.039
0.041
0.043
E2-1
1.27
1.32
1.37
0.050
0.052
0.054
E2-2
1.93
1.98
2.03
0.076
0.078
0.080
E2-3
3.75
3.80
3.82
0.148
0.150
0.152
E2-4
0.45 BSC
0.018 BSC
F1
0.20 BSC
0.008 BSC
F2
0.20 BSC
0.008 BSC
K1
0.67 BSC
0.026 BSC
K2
0.22 BSC
0.008 BSC
K3
1.25 BSC
0.049 BSC
K4
0.05 BSC
0.002 BSC
K5
0.38 BSC
0.015 BSC
K6
0.12 BSC
0.005 BSC
by marking
Pin 1 dot
Top view
D
MLP55-31L
(5 mm x 5 mm)
(Nd-1) x e
ref.
Bottom view
Side view
D2- 3
D2- 2
A
0.10 C A
2 x
0.10 C B
2 x
0.08 C
C
A
A2
A1
B
K7
56
D2- 1
D2-4
K1
K2
K4
K9
D2-5
K12
1
9
8
1
16
23
31
24
15
9
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com