Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8240EC Datasheet(PDF) 32 Page - Motorola, Inc

Part # MPC8240EC
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240EC Datasheet(HTML) 32 Page - Motorola, Inc

Back Button MPC8240EC Datasheet HTML 28Page - Motorola, Inc MPC8240EC Datasheet HTML 29Page - Motorola, Inc MPC8240EC Datasheet HTML 30Page - Motorola, Inc MPC8240EC Datasheet HTML 31Page - Motorola, Inc MPC8240EC Datasheet HTML 32Page - Motorola, Inc MPC8240EC Datasheet HTML 33Page - Motorola, Inc MPC8240EC Datasheet HTML 34Page - Motorola, Inc MPC8240EC Datasheet HTML 35Page - Motorola, Inc MPC8240EC Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
MPC8240 Integrated Processor Hardware Specifications
MOTOROLA
Package Description
Package Description
Test/Configuration Signals
PLL_CFG[0:4]/
DA[10:6]
A22 B19 A21 B18 B17
I/O
OVDD
—4, 6
TEST0
AD22
Input
OVDD
—1, 9
TEST1
B20
Input
OVDD
—9, 10
TEST2
Y2
Input
GVDD
—11
TCK
AF22
Input
OVDD
—9, 12
TDI
AF23
Input
OVDD
—9, 12
TDO
AC21
Output
OVDD
DRV_PCI
TMS
AE22
Input
OVDD
—9, 12
TRST
AE23
Input
OVDD
—9, 12
Power and Ground Signals
GND
AA2 AA23 AC12 AC15 AC24
AC3 AC6 AC9 AD11 AD14 AD16
AD19 AD23 AD4 AE18 AE2
AE21 AE25 B2 B25 B6 B9 C11
C13 C16 C23 C4 C8 D12 D15
D18 D21 D24 D3 F25 F4 H24
J25 J4 L24 L3 M23 M4 N24 P3
R23 R4 T24 T3 V2 V23 W3
Ground
—
—
LVDD
AC20 AC23 D20 D23 G23 P23
Y23
Reference
voltage
3.3 V, 5.0 V
LVDD
—
GVDD
AB3 AB4 AC10 AC11 AC8 AD10
AD13 AD15 AD3 AD5 AD7 C10
C12 C3 C5 C7 D13 D5 D9 E3 G3
H4 K4 L4 N3 P4 R3 U3 V4 Y3
Power for
memory
drivers 2.5 V,
3.3 V
GVDD
—
OVDD
AB24 AD20 AD24 C14 C20 C24
E24 G24 J23 K24 M24 P24 T23
Y24
PCI/Stnd
3.3 V
OVDD
—
VDD
AA24 AC16 AC19 AD12 AD6
AD9 C15 C18 C21 D11 D8 F3
H23 J3 L23 M3 R24 T4 V24 W4
Power for
core 2.5 V
VDD
—
LAVDD
D17
Power for
DLL 2.5 V
LAVDD
—
AVDD
C17
Power for
PLL (CPU
core logic)
2.5 V
AVDD
—
Table 17. MPC8240 Pinout Listing (continued)
Name
Pin Number
Pin Type
Power
Supply
Output
Driver
Type
Notes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com