Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8240EC Datasheet(PDF) 23 Page - Motorola, Inc

Part # MPC8240EC
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240EC Datasheet(HTML) 23 Page - Motorola, Inc

Back Button MPC8240EC Datasheet HTML 19Page - Motorola, Inc MPC8240EC Datasheet HTML 20Page - Motorola, Inc MPC8240EC Datasheet HTML 21Page - Motorola, Inc MPC8240EC Datasheet HTML 22Page - Motorola, Inc MPC8240EC Datasheet HTML 23Page - Motorola, Inc MPC8240EC Datasheet HTML 24Page - Motorola, Inc MPC8240EC Datasheet HTML 25Page - Motorola, Inc MPC8240EC Datasheet HTML 26Page - Motorola, Inc MPC8240EC Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
MOTOROLA
MPC8240 Integrated Processor Hardware Specifications
23
Electrical and Thermal Characteristics
Figure 15. I2C Timing Diagram III
Figure 16. I2C Timing Diagram IV (Qualified Signal)
1.4.2.6
PIC Serial Interrupt Mode AC Timing Specifications
Table 14 provides the PIC serial interrupt mode AC timing specifications for the MPC8240.
Table 14. PIC Serial Interrupt Mode AC Timing Specifications
At recommended operating conditions (see Table 2) with LVDD = 3.3 V ± 0.3 V
Num
Characteristic
Min
Max
Unit
Notes
1
S_CLK frequency
1/14 SDRAM_SYNC_IN
1/2 SDRAM_SYNC_IN
MHz
1
2
S_CLK duty cycle
40
60
%
3
S_CLK output valid time
—
6
ns
4
Output hold time
0
—
ns
5S_FRAME, S_RST output valid
time
—1 sys_logic_clk period + 6
ns
2
6
S_INT input setup time to S_CLK
1 sys_logic_clk period + 2
—
ns
2
Input Data Valid
DFFSR FILTER CLK 1
SDA
7
Note:
1. DFFSR filter clock is the SDRAM_CLK clock times DFFSR value.
SCL/SDArealtime
VM
SCL/SDAqualified
VM
Delay 1
Note:
1. The delay is the local memory clock times DFFSR times 2 plus 1 local memory clock.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com