Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8240EC Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC8240EC
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240EC Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC8240EC Datasheet HTML 9Page - Motorola, Inc MPC8240EC Datasheet HTML 10Page - Motorola, Inc MPC8240EC Datasheet HTML 11Page - Motorola, Inc MPC8240EC Datasheet HTML 12Page - Motorola, Inc MPC8240EC Datasheet HTML 13Page - Motorola, Inc MPC8240EC Datasheet HTML 14Page - Motorola, Inc MPC8240EC Datasheet HTML 15Page - Motorola, Inc MPC8240EC Datasheet HTML 16Page - Motorola, Inc MPC8240EC Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
MOTOROLA
MPC8240 Integrated Processor Hardware Specifications
13
Electrical and Thermal Characteristics
Figure 6 shows the PCI_SYNC_IN input clock timing diagram, and Figure 7 shows the DLL locking range
loop delay versus frequency of operation.
Figure 6. PCI_SYNC_IN Input Clock Timing Diagram
16
DLL lock range with DLL_STANDARD = 0 (default)
0
≤ (NTclk – Tclk/2 – tloop – tfix0)
≤ 7
ns
7
17
Frequency of operation (OSC_IN)
25
66
MHz
18
OSC_IN cycle time
40
15
ns
19
OSC_IN rise and fall times
—
5
ns
5
20
OSC_IN duty cycle measured at 1.4 V
40
60
%
21
OSC_IN frequency stability
—
100
ppm
22
OSC_IN VIH (loaded)
2.0
V
23
OSC_IN VIL (loaded)
0.8
V
Notes:
1. These specifications are for the default driver strengths indicated in Table 4.
2. Rise and fall times for the PCI_SYNC_IN input are measured from 0.4 to 2.4 V.
3. Specification value at maximum frequency of operation.
4. Relock time is guaranteed by design and characterization. Relock time is not tested.
5. Rise and fall times for the OSC_IN input are guaranteed by design and characterization. OSC_IN input rise and fall
times are not tested.
6. Relock timing is guaranteed by design. PLL-relock time is the maximum amount of time required for PLL lock after
a stable VDD and PCI_SYNC_IN are reached during the reset sequence. This specification also applies when the
PLL has been disabled and subsequently re-enabled during sleep mode. Also note that HRST_CPU/HRST_CTRL
must be held asserted for a minimum of 255 bus clocks after the PLL-relock time during the reset sequence.
7. DLL_STANDARD is bit 7 of the PMC2 register <72>. N is a non-zero integer (1 or 2). Tclk is the period of one
SDRAM_SYNC_OUT clock cycle in ns. tloop is the propagation delay of the DLL synchronization feedback loop (PC
board runner) from SDRAM_SYNC_OUT to SDRAM_SYNC_IN in ns; 6.25 inches of loop length (unloaded PC
board runner) corresponds to approximately 1 ns of delay. tfix0 is a fixed delay inherent in the design when the DLL
is at tap point 0 and the DLL is contributing no delay; tfix0 equals approximately 3 ns. See Figure 7 for DLL3 locking
ranges.
8. Pin-to-pin skew includes quantifying the additional amount of clock skew (or jitter) from the DLL besides any
intentional skew added to the clocking signals from the variable length DLL synchronization feedback loop, that is,
the amount of variance between the internal sys_logic_clk and the SDRAM_SYNC_IN signal after the DLL is
locked. While pin to pin skew between SDRAM_CLKs can be measured, the relationship between the internal
sys_logic_clk and the external SDRAM_SYNC_IN cannot be measured and is guaranteed by design.
Table 7. Clock AC Timing Specifications (continued)
At recommended operating conditions (see Table 2) with LVDD = 3.3 V ± 0.3 V
Num
Characteristic and Condition 1
Min
Max
Unit
Notes
5a
5b
VM
VM = Midpoint Voltage (1.4 V)
2
3
CVIL
CVIH
1
PCI_SYNC_IN
VM
VM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com