Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8240EC Datasheet(PDF) 39 Page - Motorola, Inc

Part # MPC8240EC
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240EC Datasheet(HTML) 39 Page - Motorola, Inc

Back Button MPC8240EC Datasheet HTML 35Page - Motorola, Inc MPC8240EC Datasheet HTML 36Page - Motorola, Inc MPC8240EC Datasheet HTML 37Page - Motorola, Inc MPC8240EC Datasheet HTML 38Page - Motorola, Inc MPC8240EC Datasheet HTML 39Page - Motorola, Inc MPC8240EC Datasheet HTML 40Page - Motorola, Inc MPC8240EC Datasheet HTML 41Page - Motorola, Inc MPC8240EC Datasheet HTML 42Page - Motorola, Inc MPC8240EC Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
MOTOROLA
MPC8240 Integrated Processor Hardware Specifications
39
System Design Information
Figure 25. COP Connector Diagram
1.7.7
PCI Reference Voltage—LVDD
The MPC8240 PCI reference voltage (LVDD) pins should be connected to 3.3 ±0.3 V power supply if
interfacing the MPC8240 into a 3.3-V PCI bus system. Similarly, the LVDD pins should be connected to
5.0 ±5% V power supply if interfacing the MPC8240 into a 5-V PCI bus system. For either reference
HRESET
HRST_CPU
HRST_CTRL
From Target
Board Sources
HRESET
13
SRESET 5
SRESET 5
SRESET 5
NC
NC
NC
11
VDD_SENSE
6
5 2
15 3
1 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
OVDD
OVDD
OVDD
OVDD
CHKSTOP_IN 6
CHKSTOP_IN 6
8
TMS
TDO
TDI
TCK
TMS
TDO
TDI
TCK
9
1
3
4
TRST
7
16
2
10
12
(if any)
14 4
Key
Notes:
1. QACK is an output on the MPC8240 and is not required at the COP header for emulation.
2. RUN/STOP normally found on pin 5 of the COP header is not implemented on the MPC8240.
Connect pin 5 of the COP header to OVDD with a 1-kΩ pull-up resistor.
3. CKSTP_OUT normally found on pin 15 of the COP header is not implemented on the MPC8240.
Connect pin 15 of the COP header to OVDD with a 10-kΩ pull-up resistor.
4. Pin 14 is not physically present on the COP header.
QACK 1
OVDD
OVDD
10 k
Ω
OVDD
TRST
10 k
Ω
OVDD
10 k
Ω
10 k
Ω
5. SRESET functions as output SDMA12 in extended ROM mode.
6. CHKSTOP_IN functions as output SDMA14 in extended ROM mode.
MPC8240
3
13
9
5
1
6
10
2
15
11
7
16
12
8
4
KEY
No pin
COP Connector
Physical Pin Out
1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com