Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8240EC Datasheet(PDF) 29 Page - Motorola, Inc

Part # MPC8240EC
Description  Integrated Processor Hardware Specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8240EC Datasheet(HTML) 29 Page - Motorola, Inc

Back Button MPC8240EC Datasheet HTML 25Page - Motorola, Inc MPC8240EC Datasheet HTML 26Page - Motorola, Inc MPC8240EC Datasheet HTML 27Page - Motorola, Inc MPC8240EC Datasheet HTML 28Page - Motorola, Inc MPC8240EC Datasheet HTML 29Page - Motorola, Inc MPC8240EC Datasheet HTML 30Page - Motorola, Inc MPC8240EC Datasheet HTML 31Page - Motorola, Inc MPC8240EC Datasheet HTML 32Page - Motorola, Inc MPC8240EC Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
MOTOROLA
MPC8240 Integrated Processor Hardware Specifications
29
Package Description
1.5.3
Pinout Listings
Table 17 provides the pinout listing for the MPC8240, 352 TBGA package.
Table 17. MPC8240 Pinout Listing
Name
Pin Number
Pin Type
Power
Supply
Output
Driver
Type
Notes
PCI Interface Signals
C/BE[3:0]
P25 K23 F23 A25
I/O
OVDD
DRV_PCI
6, 15
DEVSEL
H26
I/O
OVDD
DRV_PCI
8, 15
FRAME
J24
I/O
OVDD
DRV_PCI
8, 15
IRDY
K25
I/O
OVDD
DRV_PCI
8, 15
LOCK
J26
Input
OVDD
—8
AD[31:0]
V25 U25 U26 U24 U23 T25 T26
R25 R26 N26 N25 N23 M26 M25
L25 L26 F24 E26 E25 E23 D26
D25 C26 A26 B26 A24 B24 D19
B23 B22 D22 C22
I/O
OVDD
DRV_PCI
6, 15
PAR
G25
I/O
OVDD
DRV_PCI
15
GNT[3:0]
W25 W24 W23 V26
Output
OVDD
DRV_PCI
6, 15
GNT4/DA5
W26
Output
OVDD
DRV_PCI
7, 15
REQ[3:0]
Y25 AA26 AA25 AB26
Input
OVDD
—6, 12
REQ4/DA4
Y26
I/O
OVDD
—12
PERR
G26
I/O
OVDD
DRV_PCI
8, 15, 18
SERR
F26
I/O
OVDD
DRV_PCI
8, 15, 16
STOP
H25
I/O
OVDD
DRV_PCI
8, 15
TRDY
K26
I/O
OVDD
DRV_PCI
8, 15
INTA
AC26
Output
OVDD
DRV_PCI
8, 15, 16
IDSEL
P26
Input
OVDD
—
Memory Interface Signals
MDL[0:31]
AD17 AE17 AE15 AF15 AC14
AE13 AF13 AF12 AF11 AF10
AF9 AD8 AF8 AF7 AF6 AE5 B1
A1 A3 A4 A5 A6 A7 D7 A8 B8
A10 D10 A12 B11 B12 A14
I/O
GVDD
DRV_MEM_
DATA
5, 6, 13
MDH[0:31]
AC17 AF16 AE16 AE14 AF14
AC13 AE12 AE11 AE10 AE9
AE8 AC7 AE7 AE6 AF5 AC5 E4
A2 B3 D4 B4 B5 D6 C6 B7 C9 A9
B10 A11 A13 B13 A15
I/O
GVDD
DRV_MEM_
DATA
6, 13
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com