Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0002 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # 0002
Description  HIGH SPEED, BUFFER AMPLIFIER AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

0002 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  0002 Datasheet HTML 1Page - M.S. Kennedy Corporation 0002 Datasheet HTML 2Page - M.S. Kennedy Corporation 0002 Datasheet HTML 3Page - M.S. Kennedy Corporation 0002 Datasheet HTML 4Page - M.S. Kennedy Corporation 0002 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The MSK 0002 is a general purpose current amplifier. It is the industry wide replacement for the LH0002. The
device is ideal for use with an operational amplifier in a closed loop configuration to increase current output. The MSK
0002 is designed with a symmetrical output stage that provides low output impedances to both the positive and
negative portions of output pulses. The MSK 0002 is packaged in a hermetic 8 lead low profile T0-5 header and is
specified over the full military temperature range.
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
0002
FEATURES:
Industry Wide LH0002 Replacement
High Input Impedance-180KΩ Min
Low Output Impedance-10Ω Max
Low Harmonic Distortion
DC to 30 MHz Bandwidth
Slew Rate is Typically 400 V/µS
Operating Range from±5V to ±20V
Available to DSCC SMD5962-7801301XC
DESCRIPTION:
EQUIVALENT SCHEMATIC
E4
V2-
V1-
Input
1
2
3
4
V1+
V2+
E3
Output
5
6
7
8
PIN-OUT INFORMATION
High Speed D/A Conversion
30MHz Buffer
Line Driver
Precision Current Source
TYPICAL APPLICATIONS
MIL-PRF-38534 CERTIFIED
Rev. - 10/00
1
HIGH SPEED, BUFFER
AMPLIFIER AMP
ISO 9001 CERTIFIED BY DSCC


Similar Part No. - 0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0002-06-1132 MOLEX1-0002-06-1132 Datasheet
145Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, Female, with 0.38關m (15關") Gold (Au) Plated Brass Contact, 24-30 AWG, Bag
0002-06-1132-C MOLEX1-0002-06-1132-C Datasheet
145Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1855, Female, with 0.38關m (15關") Gold (Au) Plated Brass Contact, 24-30 AWG, Bag
0002-06-2132 MOLEX1-0002-06-2132 Datasheet
141Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
0002-06-2132-C MOLEX1-0002-06-2132-C Datasheet
141Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, Male, with Tin (Sn) Plated Brass Contact, 24-30 AWG, Reel
0002-06-5100 MOLEX1-0002-06-5100 Datasheet
144Kb / 3P
1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, 18-24 AWG, Reel
More results

Similar Description - 0002

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF600 BURR-BROWN-BUF600 Datasheet
247Kb / 14P
HIGH-SPEED BUFFER AMPLIFIER
OPA633 BURR-BROWN-OPA633 Datasheet
136Kb / 8P
High Speed BUFFER AMPLIFIER
logo
Intersil Corporation
EL2008 INTERSIL-EL2008 Datasheet
268Kb / 8P
55MHz 1 Amp Buffer Amplifier
December 23, 1999
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
Ultra High Speed Programmable Gain Buffer Amplifier
June 1994
logo
M.S. Kennedy Corporatio...
MSK0002RH MSK-MSK0002RH Datasheet
590Kb / 7P
RAD TOLERANT, HIGH SPEED, BUFFER AMPLIFIER
logo
Analog Devices
ADA4800 AD-ADA4800 Datasheet
221Kb / 16P
Low Power, High Speed CCD Buffer Amplifier
REV. A
logo
National Semiconductor ...
OPA633 NSC-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
logo
Texas Instruments
OPA633 TI1-OPA633 Datasheet
124Kb / 9P
High Speed BUFFER AMPLIFIER
logo
Anaren Microwave
MSK0002 ANAREN-MSK0002 Datasheet
135Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com