Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T141 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 15Page - STMicroelectronics STM8T141 Datasheet HTML 16Page - STMicroelectronics STM8T141 Datasheet HTML 17Page - STMicroelectronics STM8T141 Datasheet HTML 18Page - STMicroelectronics STM8T141 Datasheet HTML 19Page - STMicroelectronics STM8T141 Datasheet HTML 20Page - STMicroelectronics STM8T141 Datasheet HTML 21Page - STMicroelectronics STM8T141 Datasheet HTML 22Page - STMicroelectronics STM8T141 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
STM8T141
Device operation
Doc ID 15699 Rev 7
19/50
Table 6.
Option byte description
Option
byte no.
Description
OPT1
Bits [7:3]: Reserved
Bit 2: Sampling period (tSAMPLING)(Section 7.6: Sampling period)
0: Conversion period is 20 ms
1: Conversion period is 10 ms
Bit 1: Charge transfer frequency (fTRANSFER)(Section 7.5: Charge transfer frequency)
0: 125 kHz
1: 250 kHz
Bit 0: Reserved
OPT0
Bits [7:6]: Power mode (Section 7.4: Power modes)
00: Low Power mode with Zoom
01: Normal Power mode
10: Extreme Low Power mode with Zoom
11: Extreme Low Power mode
Bits [5:4]: Detection threshold (Section 7.3: Detection threshold)
00: Standard proximity
01: Standard touch
10: Sensitive proximity
11: Sensitive touch
Bits [3:2]: Reference freeze timeout (Section 5.3.2: Reference freeze timeout)
00: 15-second reference freeze timeout
01: 45-second reference freeze timeout
10: Reserved
11: Infinite reference freeze
Bits [1:0]: TOUT/POUT output mode (Section 7.2: TOUT/POUT output mode)
00: Active mode
01: Toggle mode
10: 3-second Latch mode
11: 30-second Latch mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com