Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T141 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 29Page - STMicroelectronics STM8T141 Datasheet HTML 30Page - STMicroelectronics STM8T141 Datasheet HTML 31Page - STMicroelectronics STM8T141 Datasheet HTML 32Page - STMicroelectronics STM8T141 Datasheet HTML 33Page - STMicroelectronics STM8T141 Datasheet HTML 34Page - STMicroelectronics STM8T141 Datasheet HTML 35Page - STMicroelectronics STM8T141 Datasheet HTML 36Page - STMicroelectronics STM8T141 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
STM8T141
Electrical characteristics
Doc ID 15699 Rev 7
33/50
9.5
Capacitive sensing characteristics
.
Table 16.
General capacitive sensing characteristics(1)
1.
Values guaranteed by design.
Symbol
Parameter
Min.
Typ.
Max.
Unit
fTRANSFER
Charge-transfer frequency at 125-kHz
setting
90
125
160
kHz
Charge-transfer frequency at 250-kHz
setting
185
250
315
tSAMPLING
Scanning period at 10-ms setting
7.5
10
12.5
ms
Scanning period at 20-ms setting
15
20
25
tLP
Low Power
4 tSAMPLING
Extreme Low Power
16 tSAMPLING
tELP
Time before switching back to Low
Power mode
540
tRFT
(2)
2.
See tRFT in Figure 9: Reference freeze timeout.
15 s reference freeze timeout
11
15
19
s
45 s reference freeze timeout
33
45
57
tBURST
Burst detection
32
214
tTRANSFER
DDC
Detection debounce count
4
Counts
EDDC
End of detection debounce count
3
DTh
(3)
3.
Reference value (Ref.) described in Section 5.3.3: Debounce filter on page 16.
Proximity detection threshold
– 8
Counts
Sensitive proximity detection threshold
– 2
Touch detection threshold
Ref./16
Sensitive touch detection threshold
Ref./32
(4)
4.
Between 3 V and 3.5 V,
evolves as shown in Figure 23.
Power supply rejection ratio VDDMIN <
VDD < 3 V)
0.0250
Count/V
Power supply rejection ratio (3.5 V < VDD
< VDDMAX)
0.0005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com