Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T141 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 25Page - STMicroelectronics STM8T141 Datasheet HTML 26Page - STMicroelectronics STM8T141 Datasheet HTML 27Page - STMicroelectronics STM8T141 Datasheet HTML 28Page - STMicroelectronics STM8T141 Datasheet HTML 29Page - STMicroelectronics STM8T141 Datasheet HTML 30Page - STMicroelectronics STM8T141 Datasheet HTML 31Page - STMicroelectronics STM8T141 Datasheet HTML 32Page - STMicroelectronics STM8T141 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
STM8T141
Electrical characteristics
Doc ID 15699 Rev 7
29/50
9
Electrical characteristics
9.1
Parameter conditions
Unless otherwise specified, all voltages are in reference to VSS.
9.1.1
Minimum and maximum values
Unless otherwise specified, the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature and supply voltage by tests in production on 100% of the
devices with an ambient temperature at TA = 25 °C and TA = TAmax (given by the selected
temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated in the table footnotes and are not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and represent the
mean value plus or minus three times the standard deviation (mean ±3
).
9.1.2
Typical values
Unless otherwise specified, typical data are based on TA = 25 °C, and VDD = 5 V. They are
given only as design guidelines and are not tested.
9.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
9.1.4
Loading capacitor
The loading conditions used for pin parameter measurement are shown in Figure 21.
Figure 21.
Pin loading conditions
Output pin
50 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com