Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T141 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 42Page - STMicroelectronics STM8T141 Datasheet HTML 43Page - STMicroelectronics STM8T141 Datasheet HTML 44Page - STMicroelectronics STM8T141 Datasheet HTML 45Page - STMicroelectronics STM8T141 Datasheet HTML 46Page - STMicroelectronics STM8T141 Datasheet HTML 47Page - STMicroelectronics STM8T141 Datasheet HTML 48Page - STMicroelectronics STM8T141 Datasheet HTML 49Page - STMicroelectronics STM8T141 Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
STM8T141
Revision history
Doc ID 15699 Rev 7
49/50
24-Feb-2010
5 cont’d
Section 7.2.1, Section 7.2.2, Section 7.2.3, and Section 7.2.4:
replaced “output configuration” with “output operation”.
Section 7.2.3: 3-second latch: removed some text concerning the
TOUT/POUT pin.
Renamed Section 7.3: Detection threshold.
Section 7.4: Power modes: small text changes; Table 8 moved to this
section from Section 7.4.4: Extreme Low Power mode.
Section 8.1: Shield function: removed text about RSHIELD.
Figure 20: Connecting the shield (coaxial cable implementation):
amended ohm symbol.
Section 8.2: Sensitivity adjustment/ added text regarding sensitivity;
updated bullet points.
Added Section 8.3: Influence of power supply variation.
Table 12: Operating characteristics: added tVDD data.
Section 9.3.2: Average current consumption: for test conditions,
100 nF replaced with 47 nF; modified Table 13 and note underneath
it; added Figure 22.
Table 14: Output pin characteristics: removed tVDD data.
Added Section 9.4: Regulator and reference voltage and Table 15.
Section 9.5: Capacitive sensing characteristics: amended Table 16
for values of fTRANSFER, tRFT, and tBURST; updated symbols for tRFT,
DTh, and ; added Figure 23.
Table 18: External sensing component characteristics: modified CS
parameter and RSHIELD min value.
Section 11: Ordering information: updated Figure 26; added
Section 11.2 and Section 11.3.
Section 11.2: Orderable favorite device lists: updated ordering part
number; added footnote to option list concerning default
configuration of OPT devices, added packaging information to the
option list, updated headings and date.
Section 12: STM8T141 development tools: replaced STM8T1X1 with
STM8T141.
01-Apr-2010
6
Added that ProxSense™ is a trademark of Azoteq.
28-Jun-2011
7
Figure 26: STM8T141 ordering information scheme: updated
footnote 2.
Programming tool: replaced STM8T141-SB with STM8T14X-SB.
Figure 29: STM8T141-EVAL programming tool: replaced
STM8T141-SB with STM8T14X-SB.
Table 27: Ordering information: replaced STM8T1X1-EVAL and
STM8T141-SB with STM8T141-EVAL and STM8T14X-SB
respectively.
Table 28.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com