Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8T141 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8T141
Description  Single-channel capacitive sensor for touch or proximity detection with shielded sensing electrode
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8T141 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8T141 Datasheet HTML 21Page - STMicroelectronics STM8T141 Datasheet HTML 22Page - STMicroelectronics STM8T141 Datasheet HTML 23Page - STMicroelectronics STM8T141 Datasheet HTML 24Page - STMicroelectronics STM8T141 Datasheet HTML 25Page - STMicroelectronics STM8T141 Datasheet HTML 26Page - STMicroelectronics STM8T141 Datasheet HTML 27Page - STMicroelectronics STM8T141 Datasheet HTML 28Page - STMicroelectronics STM8T141 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
STM8T141
Device operation
Doc ID 15699 Rev 7
25/50
7.4.4
Extreme Low Power mode
With the STM8T141 in Extreme Low Power mode, burst cycles only occur every 17th
tSAMPLING period (or 5.88% of the Normal Power mode), thus adding 16 extra delays of
tSAMPLING between charge cycles to conserve power.
This reduces the amount of burst cycles in Extreme Low Power mode even more than Low
Power mode which in turn saves even more power but comes at the expense of a higher
system response time (Figure 19).
Figure 19.
Charge cycle timing diagram in Extreme Low Power mode
7.5
Charge transfer frequency
The STM8T141 offers two charge transfer frequencies. The charge transfer frequency must
be adjusted depending on the CS capacitor. The charge transfer frequency may need to be
raised to 250 kHz in order to reduce tBURST when the CS capacitance is large.
●
125 kHz
●
250 kHz
Bit 1 of option byte OPT1 is used to select the correct charge transfer frequency.
7.6
Sampling period
The default sampling period (tSAMPLING) is configurable in order to allow different
compromises between power consumption and conversion rates:
●
20-ms sampling rate to reduce average power consumption
●
10-ms sampling rate to increase detection response time
When using a faster sampling rate (tSAMPLING = 10 ms), all the timing values of the Power
modes will occur at twice the speed.
BIt 2 of option byte OPT1 is used to select the correct conversion period.
12
345678
9
10
11
12
13
14
15
16
17
18
19
20
CS
Burst cycle every 17th tSAMPLING period
t
tLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com