Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XB Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 69Page - STMicroelectronics STM32F303XB Datasheet HTML 70Page - STMicroelectronics STM32F303XB Datasheet HTML 71Page - STMicroelectronics STM32F303XB Datasheet HTML 72Page - STMicroelectronics STM32F303XB Datasheet HTML 73Page - STMicroelectronics STM32F303XB Datasheet HTML 74Page - STMicroelectronics STM32F303XB Datasheet HTML 75Page - STMicroelectronics STM32F303XB Datasheet HTML 76Page - STMicroelectronics STM32F303XB Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 148 page
background image
DocID023353 Rev 13
73/148
STM32F303xB STM32F303xC
Electrical characteristics
124
6.3.6
Wakeup time from low-power mode
The wakeup times given in Table 39 are measured starting from the wakeup event trigger up
to the first instruction executed by the CPU:
•
For Stop or Sleep mode: the wakeup event is WFE.
•
WKUP1 (PA0) pin is used to wakeup from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD supply
voltage conditions summarized in Table 24.
Table 39. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ @VDD, VDD = VDDA
Max
Unit
2.0 V
2.4 V
2.7 V
3 V
3.3 V
3.6 V
tWUSTOP
Wakeup from
Stop mode
Regulator in
run mode
4.1
3.9
3.8
3.7
3.6
3.5
4.5
µs
Regulator in
low-power
mode
7.9
6.7
6.1
5.7
5.4
5.2
9
tWUSTANDBY(1)
Wakeup from
Standby mode
LSI and
IWDG OFF
69.2
60.3
56.4
53.7
51.7
50
100
tWUSLEEP
Wakeup from
Sleep mode
-6
-
CPU
clock
cycles
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com