Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XB Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 18Page - STMicroelectronics STM32F303XB Datasheet HTML 19Page - STMicroelectronics STM32F303XB Datasheet HTML 20Page - STMicroelectronics STM32F303XB Datasheet HTML 21Page - STMicroelectronics STM32F303XB Datasheet HTML 22Page - STMicroelectronics STM32F303XB Datasheet HTML 23Page - STMicroelectronics STM32F303XB Datasheet HTML 24Page - STMicroelectronics STM32F303XB Datasheet HTML 25Page - STMicroelectronics STM32F303XB Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 148 page
background image
Functional overview
STM32F303xB STM32F303xC
22/148
DocID023353 Rev 13
3.16
Fast comparators (COMP)
The STM32F303xB/STM32F303xC devices embed seven fast rail-to-rail comparators with
programmable reference voltage (internal or external), hysteresis and speed (low speed for
low-power) and with selectable output polarity.
The reference voltage can be one of the following:
•
External I/O
•
DAC output pin
•
Internal reference voltage or submultiple (1/4, 1/2, 3/4). Refer to Table 28: Embedded
internal reference voltage on page 62 for the value and precision of the internal
reference voltage.
All comparators can wake up from STOP mode, generate interrupts and breaks for the
timers and can be also combined per pair into a window comparator
3.17
Timers and watchdogs
The STM32F303xB/STM32F303xC includes two advanced control timers, up to six general-
purpose timers, two basic timers, two watchdog timers and a SysTick timer. The table below
compares the features of the advanced control, general purpose and basic timers.
Note:
TIM1/8 can have PLL as clock source, and therefore can be clocked at 144 MHz.
Table 5. Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
Channels
Complementary
outputs
Advanced
TIM1,
TIM8
16-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
Yes
General-
purpose
TIM2
32-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
No
General-
purpose
TIM3, TIM4
16-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
No
General-
purpose
TIM15
16-bit
Up
Any integer
between 1
and 65536
Yes
2
1
General-
purpose
TIM16, TIM17
16-bit
Up
Any integer
between 1
and 65536
Yes
1
1
Basic
TIM6,
TIM7
16-bit
Up
Any integer
between 1
and 65536
Yes
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com