Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XB Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 90Page - STMicroelectronics STM32F303XB Datasheet HTML 91Page - STMicroelectronics STM32F303XB Datasheet HTML 92Page - STMicroelectronics STM32F303XB Datasheet HTML 93Page - STMicroelectronics STM32F303XB Datasheet HTML 94Page - STMicroelectronics STM32F303XB Datasheet HTML 95Page - STMicroelectronics STM32F303XB Datasheet HTML 96Page - STMicroelectronics STM32F303XB Datasheet HTML 97Page - STMicroelectronics STM32F303XB Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
94/148
DocID023353 Rev 13
6.3.17
Communications interfaces
I2C interface characteristics
The I2C interface meets the timings requirements of the I2C-bus specification and user
manual rev.03 for:
•
Standard-mode (Sm) : with a bit rate up to 100 Kbits/s
•
Fast-mode (Fm) : with a bit rate up to 400 Kbits/s
•
Fast-mode Plus (Fm+) : with a bit rate up to 1Mbits/s
The I2C timings requirements are guaranteed by design when the I2C peripheral is properly
configured (refer to Reference manual).
The SDA and SCL I/O requirements are met with the following restrictions: the SDA and
SCL I/O pins are “true” open-drain. When configured as open-drain, the PMOS connected
between the I/O pin and VDDIOx is disabled, but is still present. Only FTf I/O pins support
Fm+ low level output current maximum requirement. Refer to Section 6.3.14: I/O port
characteristics.
All I2C I/Os embed an analog filter. refer to theTable 62: I2C analog filter characteristics.
Table 61. I2C timings specification (see I2C specification, rev.03, June 2007)(1)
Symbol
Parameter
Standard mode
Fast mode
Fast Mode Plus
Unit
Min
Max
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
0
1000
KHz
tLOW
Low period of the SCL clock
4.7
-
1.3
-
0.5
-
µs
tHIGH
High Period of the SCL clock
4
0.6
0.26
-
µs
tr
Rise time of both SDA and SCL
signals
-
1000
-
300
-
120
ns
tf
Fall time of both SDA and SCL
signals
-
300
-
300
-
120
ns
tHD;DAT
Data hold time
0
-
0
-
0
-
µs
tVD;DAT
Data valid time
-
3.45(2)
-0.9(2)
-0.45(2)
µs
tVD;ACK
Data valid acknowledge time
-
3.45(2)
-0.9(2)
-0.45(2)
µs
tSU;DAT
Data setup time
250
-
100
-
50
-
ns
tHD:STA
Hold time (repeated) START
condition
4.0
-
0.6
-
0.26
-
µs
tSU:STA
Set-up time for a repeated START
condition
4.7
-
0.6
-
0.26
µs
tSU:STO
Set-up time for STOP condition
4.0
-
0.6
-
0.26
-
µs
tBUF
Bus free time between a
STOP and START condition
4.7
-
1.3
-
0.5
-
µs
Cb
Capacitive load for each bus line
-
400
-
400
-
550
pF
tSP
Pulse width of spikes that are
suppressed by the analog filter for
Standard and Fast mode
050(3)
050(3)
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com