Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XB Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 92Page - STMicroelectronics STM32F303XB Datasheet HTML 93Page - STMicroelectronics STM32F303XB Datasheet HTML 94Page - STMicroelectronics STM32F303XB Datasheet HTML 95Page - STMicroelectronics STM32F303XB Datasheet HTML 96Page - STMicroelectronics STM32F303XB Datasheet HTML 97Page - STMicroelectronics STM32F303XB Datasheet HTML 98Page - STMicroelectronics STM32F303XB Datasheet HTML 99Page - STMicroelectronics STM32F303XB Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
Electrical characteristics
STM32F303xB STM32F303xC
96/148
DocID023353 Rev 13
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 63 for SPI or in Table 64 for I2S
are derived from tests performed under ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 24.
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S).
Table 63. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode, SPI1
2.7<VDD<3.6
--
24
MHz
Slave mode, SPI1
2.7<VDD<3.6
24
Master mode, SPI1/2/3
2<VDD<3.6
18
Slave mode, SPI1/2/3
2<VDD<3.6
18
DuCy(SCK) Duty cycle of SPI clock frequency
Slave mode
30
50
70
%
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4*Tpclk
-
-
ns
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2*Tpclk
-
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode
Tpclk-2
Tpclk
Tpclk+2
tsu(MI)
Data input setup time
Master mode
5.5
-
-
tsu(SI)
Slave mode
6.5
-
-
th(MI)
Data input hold time
Master mode
5
-
-
th(SI)
Slave mode
5
-
-
ta(SO)
Data output access time
Slave mode
0
-
4*Tpclk
tdis(SO)
Data output disable time
Slave mode
0
-
24
tv(SO)
Data output valid time
Slave mode
-
12
27
Slave mode, SPI1
2.7<VDD<3.6V
-12
18
tv(MO)
Master mode
-
1.5
3
th(SO)
Data output hold time
Slave mode
11
-
-
th(MO)
Master mode
0
-
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com