Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XB Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 85Page - STMicroelectronics STM32F303XB Datasheet HTML 86Page - STMicroelectronics STM32F303XB Datasheet HTML 87Page - STMicroelectronics STM32F303XB Datasheet HTML 88Page - STMicroelectronics STM32F303XB Datasheet HTML 89Page - STMicroelectronics STM32F303XB Datasheet HTML 90Page - STMicroelectronics STM32F303XB Datasheet HTML 91Page - STMicroelectronics STM32F303XB Datasheet HTML 92Page - STMicroelectronics STM32F303XB Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 148 page
background image
DocID023353 Rev 13
89/148
STM32F303xB STM32F303xC
Electrical characteristics
124
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to +/-8 mA, and sink or
source up to +/- 20 mA (with a relaxed VOL/VOH).
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
ΣIVDD (see Table 22).
•
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run
consumption of the MCU sunk on VSS cannot exceed the absolute maximum rating
ΣIVSS (see Table 22).
Output voltage levels
Unless otherwise specified, the parameters given in Table 55 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 24. All I/Os (FT, TTa and TC unless otherwise specified) are CMOS and TTL
compliant.
Table 55. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(1)
Output low level voltage for an I/O pin
CMOS port(2)
IIO = +8 mA
2.7 V < VDD < 3.6 V
-0.4
V
VOH(3)
Output high level voltage for an I/O pin
VDD–0.4
-
VOL (1)
Output low level voltage for an I/O pin
TTL port(2)
IIO = +8 mA
2.7 V < VDD < 3.6 V
-0.4
VOH (3)
Output high level voltage for an I/O pin
2.4
-
VOL(1)(4)
Output low level voltage for an I/O pin
IIO = +20 mA
2.7 V < VDD < 3.6 V
-1.3
VOH(3)(4)
Output high level voltage for an I/O pin
VDD–1.3
-
VOL(1)(4)
Output low level voltage for an I/O pin
IIO = +6 mA
2 V < VDD < 2.7 V
-0.4
VOH(3)(4)
Output high level voltage for an I/O pin
VDD–0.4
-
VOLFM+(1)(4)
Output low level voltage for an FTf I/O pin in
FM+ mode
IIO = +20 mA
2.7 V < VDD < 3.6 V
-0.4
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 22 and the sum of
IIO (I/O ports and control pins) must not exceed ΣIIO(PIN).
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in Table 22 and the sum
of IIO (I/O ports and control pins) must not exceed ΣIIO(PIN).
4. Data based on design simulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com