Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303XB Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F303XB
Description  ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XB Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F303XB Datasheet HTML 103Page - STMicroelectronics STM32F303XB Datasheet HTML 104Page - STMicroelectronics STM32F303XB Datasheet HTML 105Page - STMicroelectronics STM32F303XB Datasheet HTML 106Page - STMicroelectronics STM32F303XB Datasheet HTML 107Page - STMicroelectronics STM32F303XB Datasheet HTML 108Page - STMicroelectronics STM32F303XB Datasheet HTML 109Page - STMicroelectronics STM32F303XB Datasheet HTML 110Page - STMicroelectronics STM32F303XB Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 148 page
background image
DocID023353 Rev 13
107/148
STM32F303xB STM32F303xC
Electrical characteristics
124
Table 69. Maximum ADC RAIN (1)
Resolution
Sampling
cycle @
72 MHz
Sampling
time [ns] @
72 MHz
RAIN max (kΩ)
Fast channels(2)
Slow
channels
Other
channels(3)
12 bits
1.5
20.83
0.018
NA
NA
2.5
34.72
0.150
NA
0.022
4.5
62.50
0.470
0.220
0.180
7.5
104.17
0.820
0.560
0.470
19.5
270.83
2.70
1.80
1.50
61.5
854.17
8.20
6.80
4.70
181.5
2520.83
22.0
18.0
15.0
601.5
8354.17
82.0
68.0
47.0
10 bits
1.5
20.83
0.082
NA
NA
2.5
34.72
0.270
0.082
0.100
4.5
62.50
0.560
0.390
0.330
7.5
104.17
1.20
0.82
0.68
19.5
270.83
3.30
2.70
2.20
61.5
854.17
10.0
8.2
6.8
181.5
2520.83
33.0
27.0
22.0
601.5
8354.17
100.0
82.0
68.0
8 bits
1.5
20.83
0.150
NA
0.039
2.5
34.72
0.390
0.180
0.180
4.5
62.50
0.820
0.560
0.470
7.5
104.17
1.50
1.20
1.00
19.5
270.83
3.90
3.30
2.70
61.5
854.17
12.00
12.00
8.20
181.5
2520.83
39.00
33.00
27.00
601.5
8354.17
100.00
100.00
82.00
6 bits
1.5
20.83
0.270
0.100
0.150
2.5
34.72
0.560
0.390
0.330
4.5
62.50
1.200
0.820
0.820
7.5
104.17
2.20
1.80
1.50
19.5
270.83
5.60
4.70
3.90
61.5
854.17
18.0
15.0
12.0
181.5
2520.83
56.0
47.0
39.0
601.5
8354.17
100.00
100.0
100.0
1. Guaranteed by characterization results.
2. All fast channels, expect channels on PA2, PA6, PB1, PB12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com