Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 116Page - STMicroelectronics STM32F411XC Datasheet HTML 117Page - STMicroelectronics STM32F411XC Datasheet HTML 118Page - STMicroelectronics STM32F411XC Datasheet HTML 119Page - STMicroelectronics STM32F411XC Datasheet HTML 120Page - STMicroelectronics STM32F411XC Datasheet HTML 121Page - STMicroelectronics STM32F411XC Datasheet HTML 122Page - STMicroelectronics STM32F411XC Datasheet HTML 123Page - STMicroelectronics STM32F411XC Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
120/149
DocID026289 Rev 6
6.3.22
VBAT monitoring characteristics
6.3.23
Embedded reference voltage
The parameters given in Table 74 are derived from tests performed under ambient
temperature and VDD supply voltage conditions summarized in Table 14.
Table 73. VBAT monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-50-
K
Ω
Q
Ratio on VBAT measurement
-
4
-
Er(1)
Error on Q
–1
-
+1
%
TS_vbat(2)(2)
ADC sampling time when reading the VBAT
1 mV accuracy
5-
-
µs
1. Guaranteed by design.
2. Shortest sampling time can be determined in the application by multiple iterations.
Table 74. Embedded internal reference voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference voltage
- 40 °C < TA < + 125 °C 1.18
1.21
1.24
V
TS_vrefint(1)
ADC sampling time when reading the
internal reference voltage
-10
-
-
µs
VRERINT_s(2)
Internal reference voltage spread over the
temperature range
VDD = 3V ± 10mV
-
3
5
mV
TCoeff(2)
Temperature coefficient
-
-
30
50
ppm/°C
tSTART(2)
Startup time
-
-
6
10
µs
1. Shortest sampling time can be determined in the application by multiple iterations.
2. Guaranteed by design.
Table 75. Internal reference voltage calibration values
Symbol
Parameter
Memory address
VREFIN_CAL
Raw data acquired at temperature of
30 °C VDDA = 3.3 V
0x1FFF 7A2A - 0x1FFF 7A2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com