Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F411XC Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32F411XC
Description  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411XC Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32F411XC Datasheet HTML 118Page - STMicroelectronics STM32F411XC Datasheet HTML 119Page - STMicroelectronics STM32F411XC Datasheet HTML 120Page - STMicroelectronics STM32F411XC Datasheet HTML 121Page - STMicroelectronics STM32F411XC Datasheet HTML 122Page - STMicroelectronics STM32F411XC Datasheet HTML 123Page - STMicroelectronics STM32F411XC Datasheet HTML 124Page - STMicroelectronics STM32F411XC Datasheet HTML 125Page - STMicroelectronics STM32F411XC Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 149 page
background image
Electrical characteristics
STM32F411xC STM32F411xE
122/149
DocID026289 Rev 6
Table 76. Dynamic characteristics: SD / MMC characteristics(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPP
Clock frequency in data transfer
mode
-0
-
50
MHz
-
SDIO_CK/fPCLK2 frequency ratio
-
-
-
8/3
-
tW(CKL) Clock low time
fpp = 50 MHz
10.5
11
-
ns
tW(CKH) Clock high time
fpp = 50 MHz
8.5
9
-
CMD, D inputs (referenced to CK) in MMC and SD HS mode
tISU
Input setup time HS
fpp = 50 MHz
2.5
-
-
ns
tIH
Input hold time HS
fpp = 50 MHz
-40°C<TA< 125°C
5-
-
fpp = 50 MHz
-40°C<TA<+85°C
2.5
-
-
CMD, D outputs (referenced to CK) in MMC and SD HS mode
tOV
Output valid time HS
fpp = 50 MHz
-
3.5
4
ns
tOH
Output hold time HS
fpp = 50 MHz
2
-
-
CMD, D inputs (referenced to CK) in SD default mode
tISUD
Input setup time SD
fpp = 25 MHz
3
-
-
ns
tIHD
Input hold time SD
fpp = 25 MHz
4
-
-
CMD, D outputs (referenced to CK) in SD default mode
tOVD
Output valid default time SD
fpp =25 MHz
-
5
5.5
ns
tOHD
Output hold default time SD
fpp =25 MHz
4.5
-
-
1. Guaranteed by characterization results.
2. VDD = 2.7 to 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com