Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-RMB3T Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24C32-RMB3T
Description  64Kbit and 32Kbit Serial I²C Bus EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-RMB3T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24C32-RMB3T Datasheet HTML 9Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 10Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 11Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 12Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 13Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 14Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 15Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 16Page - STMicroelectronics M24C32-RMB3T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
M24C64, M24C32
Sequential Read
This operation can be used after a Current Ad-
dress Read or a Random Address Read. The bus
master
does acknowledge the data byte output,
and sends additional clock pulses so that the de-
vice continues to output the next byte in sequence.
To terminate the stream of bytes, the bus master
must
not acknowledge the last byte, and must
generate a Stop condition, as shown in Figure 10..
The output data comes from consecutive address-
es, with the internal address counter automatically
incremented after each byte output. After the last
memory address, the address counter ‘rolls-over’,
and the device continues to output data from
memory address 00h.
Acknowledge in Read Mode
For all Read commands, the device waits, after
each byte read, for an acknowledgment during the
9th bit time. If the bus master does not drive Serial
Data (SDA) Low during this time, the device termi-
nates the data transfer and switches to its Stand-
by mode.
INITIAL DELIVERY STATE
The device is delivered with all bits in the memory
array set to 1 (each byte contains FFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com